Electronic Components Datasheet Search
  English  ▼

X  

425-6610 Datasheet(PDF) 1 Page - Pro-Signal

Part # 425-6610
Description  3.5mm Stereo Jack Plug to 2 x 6.35mm (1/4") Mono Jack Plugs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

425-6610 Datasheet(HTML) 1 Page - Pro-Signal

  425-6610 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.5mm Stereo Jack Plug to 2 x 6.35mm (1/4") Mono Jack Plugs
Ideal for stereo audio applications.
246436
Price Each
Length
Order Code
2m
425-6608
3m
425-6610
5m
425-6621
10m
425-6633


Similar Part No. - 425-6610

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
425-6645 PROSIGNAL-425-6645 Datasheet
23Kb / 1P
Mono 3.5mm Jack Plug to Mono 3.5mm Jack Plug
425-6670 PROSIGNAL-425-6670 Datasheet
25Kb / 1P
6.35mm (1/4") Jack Stereo Plug to 2 x Mono Plugs
425-6682 PROSIGNAL-425-6682 Datasheet
25Kb / 1P
6.35mm (1/4") Jack Stereo Plug to 2 x Mono Plugs
425-6694 PROSIGNAL-425-6694 Datasheet
30Kb / 1P
6.35mm (1/4") Jack Plug to 2 x Phono Plugs
More results

Similar Description - 425-6610

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ-3525NG CUI-SJ-3525NG Datasheet
38Kb / 1P
3.5mm AUDIO JACK-STEREO
MJ-3536N CUI-MJ-3536N Datasheet
22Kb / 1P
3.5mm AUDIO JACK - MONO
SJ-3545 CUI-SJ-3545 Datasheet
33Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3545N CUI-SJ-3545N Datasheet
33Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3553NG CUI-SJ-3553NG Datasheet
36Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3535 CUI-SJ-3535 Datasheet
35Kb / 1P
3.5mm AUDIO JACK-STEREO
MJ-3502 CUI-MJ-3502 Datasheet
76Kb / 1P
3.5mm AUDIO JACK - MONO
MJ-3502N CUI-MJ-3502N Datasheet
76Kb / 1P
3.5mm AUDIO JACK - MONO
SJ-3523NG CUI-SJ-3523NG Datasheet
57Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3524N CUI-SJ-3524N Datasheet
37Kb / 1P
3.5MM AUDIO JACK STEREO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com