Electronic Components Datasheet Search
  English  ▼

X  

31092R Datasheet(PDF) 1 Page - Pro-Signal

Part # 31092R
Description  Telephone Wall Sockets
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

31092R Datasheet(HTML) 1 Page - Pro-Signal

  31092R Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Price Each
Description
BT Type
Order Code
Type 1
Master IDC
1/1A
133-5162
Master Screw
1/4A
133-5163
Extension IDC
1/3A
133-5164
Extension Screw
LJV1/6A
133-5165
Type 1
Master IDC
2/1A
133-5343
Master Screw
2/4A
133-5344
Extension IDC
2/3A
133-5345
Extension Screw
2/6A
133-5346
Type 2
Master IDC
3/1A
133-5347
Master Screw
3/4A
133-5166
Extension IDC
3/3A
133-5348
Extension Screw
3/6A
133-5349
Type 3
Master IDC
4/1A
133-5350
Extension IDC
4/3A
133-5351
Extension Screw
4/6A
133-5353
Extension Screw
5/1A
133-5354
Master Screw
5/4A
133-5167
Extension IDC
5/3A
133-5355
Extension Screw
5/6A
133-5356
Telephone Wall Sockets
A selection of Master or Secondary (Slave/Extension) wall mounting sockets that are available
with IDC or screw terminals. The sockets are either surface or flush mounted and are available
in 3 different styles. The master sockets contain a 1.8µF capacitor, whilst the secondary
sockets contain terminal connectors only.
Type 1 – Surface mount wall socket with all the components fastened to the cover. Supplied
complete with wall fixing screws. Dims. (HxWxD): 67.5 x 67.5 x 29.1mm.
Type 2 – Flush mount wall socket with all the components fastened to the removable cover.
Dims. (HxWxD): 84 x 84 x 21mm.
Type 3 – Flush mount wall socket with all the components fastened to the removable cover.
The unit has two outlets from a single incoming line. Dims. (HxWxD): 84 x 84 x 21mm.
416021.409413


Similar Part No. - 31092R

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
31092 PROSIGNAL-31092 Datasheet
104Kb / 3P
Telephone Socket
08/02/08 V1.0
More results

Similar Description - 31092R

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
ICS628T ADAM-TECH-ICS628T Datasheet
117Kb / 1P
IC SOCKETS SINGLE & DUAL ROW SOCKETS
PLCC-20-AT ADAM-TECH-PLCC-20-AT Datasheet
128Kb / 2P
PLCC SOCKETS
logo
List of Unclassifed Man...
9148 ETC1-9148 Datasheet
44Kb / 1P
Extension Sockets
logo
Grayhill, Inc
22-16-2 GRAYHILL-22-16-2 Datasheet
36Kb / 1P
Sockets
logo
Hongfa Technology
41F HONGFA-41F Datasheet
125Kb / 3P
RELAY SOCKETS
49F HONGFA-49F_15 Datasheet
48Kb / 1P
RELAY SOCKETS
41FSOCKETS HONGFA-41FSOCKETS Datasheet
125Kb / 3P
 RELAY SOCKETS
10FFSOCKETS HONGFA-10FFSOCKETS Datasheet
150Kb / 4P
RELAY SOCKETS
logo
ARTSCHIP ELECTRONICS CO...
KA2411 ARTSCHIP-KA2411 Datasheet
336Kb / 7P
Telephone
logo
Littelfuse
OT08PC LITTELFUSE-OT08PC Datasheet
210Kb / 1P
SOCKETS
2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com