Electronic Components Datasheet Search
  English  ▼

X  

4SRM/3T Datasheet(PDF) 1 Page - Bahco

Part # 4SRM/3T
Description  Ratcheting ring spanner set
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BAHCO [Bahco]
Direct Link  www.bahco.com
Logo BAHCO - Bahco

4SRM/3T Datasheet(HTML) 1 Page - Bahco

  4SRM/3T Datasheet HTML 1Page - Bahco  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Farnell Module Maintenance
Module: 527339
Width: 85.00mm
Operator: ZEBISCHA
Print date & time: 17 Dec 2008 ● 11:13
Externalrefs:
MAMRefs:
ModuleRefs:
TreeNodeRefs:
ProdRefs: 42743602
Primary ProdRefs: 42743602
SecondaryProdRefs: 42743602
SecProdRefsbymodname: BAHCO - S4RM/3T Ratcheting
ring spanner set#G
Division: Master Modules
Publication: PRODUCT PORTFOLIO
Book: TOOLS
Section: Hand Tools
Product Group: Farnell InOne
Product SubGroup: WORK IN PROGRESS
Group: BAHCO
Module: BAHCO - S4RM/3T Ratcheting ring spanner
set#G
IndexType: Descriptive Index
Primary word: Socket sets
Primary word: Socket sets
Secondary Word: 1/4in square drive
527339
Price Per Set
Set
Order Code
1+
5+
10+
4SRM/3T
167-1609
39.00
37.05
35.10
Ì Ratcheting box spanner in Metric siz-
es
Ì Finish: Forged, nickel and chrome-
plated, matt-finished
Ì Material: CrV
Ì Turnable for left and right direction. 5° action
Ì 12-point with Dynamic-Drive Profile
Ì 3 pcs set in practical pouch to carry on your belt
Ì 12 sizes: 8x9x10x11, 12x13x14x15,
16x17x18x19 mm
Ratcheting ring spanner set
metric


Similar Description - 4SRM/3T

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
LEDCR-104 RICHCO-LEDCR-104 Datasheet
50Kb / 1P
LED HOLDER SET (CLIP AND RING)
logo
Amphenol Corporation
227-1490 AMPHENOL-227-1490 Datasheet
45Kb / 1P
HD-BNC SPANNER WRENCH
logo
List of Unclassifed Man...
4-20-29641 ETC1-4-20-29641 Datasheet
180Kb / 2P
Heyco짰 Removable Snap-In Ratcheting Strain Reliefs
logo
Molex Electronics Ltd.
64016-0039 MOLEX11-64016-0039 Datasheet
31Kb / 1P
ServiceGrade Multi-Functional Hand Tool ??Non-Ratcheting
0640160039 MOLEX11-0640160039 Datasheet
31Kb / 1P
ServiceGrade Multi-Functional Hand Tool ??Non-Ratcheting
logo
PHOENIX CONTACT
RC-Z2096 PHOENIX-RC-Z2096 Datasheet
50Kb / 1P
Pipe spanner
RC-Z2099 PHOENIX-RC-Z2099 Datasheet
50Kb / 1P
Pipe spanner
1604249 PHOENIX-1604249 Datasheet
50Kb / 1P
Pipe spanner - RC-Z2096
1604255 PHOENIX-1604255 Datasheet
54Kb / 2P
Pipe spanner - RC-Z2099
logo
Molex Electronics Ltd.
0640160040 MOLEX-0640160040 Datasheet
35Kb / 1P
ServiceGrade Wire Strip Tool – Non-Ratcheting Spring Loaded
08/25/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com