Electronic Components Datasheet Search
  English  ▼

X  

0103416 Datasheet(PDF) 1 Page - Bahco

Part # 0103416
Description  90-series, Phosphated, 90
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BAHCO [Bahco]
Direct Link  www.bahco.com
Logo BAHCO - Bahco

0103416 Datasheet(HTML) 1 Page - Bahco

  0103416 Datasheet HTML 1Page - Bahco  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
As per DIN 3117 Form A, angle 15°, BS 6333, ISO 6787 and ASME B107.8M-1996.
Finish: Phosphated. Precision-hardened and anti-corrosion treated. With comfortable thermoplastic handle and larger grip
width. The sixth generation of the adjustable wrench.
Series P : combination of pipe grip facility, one side serrated, may be used as a pipe wrench.
Left-reading, measurement scale in mm.
Single pack
90-series, Phosphated, 90
A
mm
B
mm
C
mm
D
mm
9070
0100170
5
158
20
4.9
11.3 139
9070 P
0103416
5
158
21
4.9
11.3 139
9071
0100194
5
208
27
6.0
12.9 272
9071 P
0103430
5
208
28
6.0
12.9 272
9072
0055609
5
257
31
8.7
15.2 425
9072 P
0056354
5
257
33
8.7
15.2 430
9073
0101702
5
308
34
11.9
17.6 730
9073 P
0101726
5
308
35
11.9
17.6 745
Bahco Group - Product Card
25/09/2003
http://extranet.bahco.com/catalogue/ProdCard.asp?showOnlyOne=true&this_might_p...


Similar Part No. - 0103416

ManufacturerPart #DatasheetDescription
logo
VAT Group AG
01034-KE14 VAT-01034-KE14 Datasheet
92Kb / 2P
Mini UHV gate valve, Series 010, DN 50 (ID 2’’)
01034_KE01 VAT-01034_KE01 Datasheet
85Kb / 1P
Mini UHV gate valve, Series 010, DN 50 (ID 2’’)
01034_KE08 VAT-01034_KE08 Datasheet
104Kb / 1P
Mini UHV gate valve, Series 010, DN 50 (ID 2’’)
01034_KE11 VAT-01034_KE11 Datasheet
91Kb / 2P
Mini UHV gate valve, Series 010, DN 50 (ID 2’’)
01034_KE14 VAT-01034_KE14 Datasheet
92Kb / 2P
Mini UHV gate valve, Series 010, DN 50 (ID 2’’)
More results

Similar Description - 0103416

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8095-90 INTEL-8095-90 Datasheet
1Mb / 19P
MCS-96 809X-90, 839X-90
logo
NIHON DEMPA KOGYO
45NE7.5BB NDK-45NE7.5BB Datasheet
86Kb / 1P
45-90 MHz-Series MCF
logo
SL Power Electronics
MW116 SLPOWER-MW116 Datasheet
127Kb / 2P
MEDICAL 60-90 WATT SERIES
logo
SYNERGY MICROWAVE CORPO...
SLQ-K20 SYNERGY-SLQ-K20 Datasheet
495Kb / 4P
90 HYBRID
SLQ-KA2 SYNERGY-SLQ-KA2 Datasheet
495Kb / 4P
90 HYBRID
logo
ERNI Electronics
DC0007160 ERNI-DC0007160 Datasheet
73Kb / 1P
MSpeed Federl. 90 PM MSpeed female 90 PM
DC0007172 ERNI-DC0007172 Datasheet
74Kb / 1P
MSpeed Messerl. 90. PM MSpeed male 90. PM
DC0007175 ERNI-DC0007175 Datasheet
54Kb / 1P
MSpeed Messerl. 90. PM MSpeed male 90. PM
logo
Pasternack Enterprises,...
PE6824 PASTERNACK-PE6824_17 Datasheet
349Kb / 3P
90 Watts High Power WR-90 Waveguide Load
logo
Ledil, Inc.
FP16310 LEDIL-FP16310 Datasheet
2Mb / 4P
90 x 90 mm 18 mm screw black
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com