Electronic Components Datasheet Search
  English  ▼

X  

1618596271 Datasheet(PDF) 1 Page - Bosch Sensortec GmbH

Part # 1618596271
Description  Hammer drill bits S4L SDS-plus
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

1618596271 Datasheet(HTML) 1 Page - Bosch Sensortec GmbH

  1618596271 Datasheet HTML 1Page - Bosch Sensortec GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sales package qty: 1 Units
Despatch package qty: 5
Bulk package quantity:
50 Units
Part No.: 1 618 596 271
Hammer drill bits S4L SDS-plus
Product image
Technical details
Description
NEW
Designation optional
2-cutter head, SDS-plus, four flutes - S4L
Product description
Bosch SDS-plus S4 Technology: now also in diameters over 16 mm.
Exact pilot drilling with the “drill bit in a drill bit”: the centring tip on the new SDS-plus S4 drill bit (from 12 mm diameter) makes precise drilling easier.
Details
Diameter (D) mm
14
Working length (L1) mm
250
Total length (L2) mm
310
Material, short name
TC
Drill bit, use
Hammer drill bits
Shaft, shape
SDS-plus
Material that can be processed
Stone/concrete
Materials that can be processed, other
Masonry
Granite
Reinforcing steel
Drill bit, shape
four flutes - S4L
Cutter, type
Two-cutter
Cutting direction
right
PU: Packaging unit; PT: Packaging type; IPU: Interim packing unit; DPU: Despatch packaging unit; GPE: Masterpack


Similar Part No. - 1618596271

ManufacturerPart #DatasheetDescription
logo
Bosch Sensortec GmbH
1618596259 BOSCH-1618596259 Datasheet
51Kb / 1P
Hammer drill bits S4L SDS-plus
1618596263 BOSCH-1618596263 Datasheet
107Kb / 1P
SDS-plus-5 hammer drill bits
1618596265 BOSCH-1618596265 Datasheet
51Kb / 1P
Hammer drill bits S4L SDS-plus
1618596267 BOSCH-1618596267 Datasheet
50Kb / 1P
Hammer drill bits S4L SDS-plus
1618596268 BOSCH-1618596268 Datasheet
51Kb / 1P
Hammer drill bits S4L SDS-plus
More results

Similar Description - 1618596271

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D00471 ETC2-D00471 Datasheet
32Kb / 1P
HSS Jobber Drill Bits
D00469 ETC2-D00469 Datasheet
32Kb / 1P
HSS Jobber Drill Bits
D00230 ETC2-D00230 Datasheet
34Kb / 1P
Right Angle Drill Attachment
logo
Texas Instruments
PT7772-3.3V TI1-PT7772-3.3V Datasheet
416Kb / 4P
Sledge Hammer
logo
XP Power Limited
SDS60 XPPOWER-SDS60 Datasheet
152Kb / 2P
60 Watts SDS Series
logo
Rosenberger Hochfrequen...
60W010-C02 ROSENBERGER-60W010-C02 Datasheet
199Kb / 2P
CABLE STRIPPER FOR PORTABLE ELECTRIC DRILL
logo
List of Unclassifed Man...
DT7926-XJ ETC1-DT7926-XJ Datasheet
110Kb / 2P
EXTREME 2??Metal Drill Bit Sets
logo
SparkFun Electronics
TOL-14818 SPARKFUN-TOL-14818 Datasheet
210Kb / 1P
Variety PCB Drill Set (10 Pieces)
8-6-18
logo
Eaton All Rights Reserv...
TD00502001E EATON-TD00502001E Datasheet
1Mb / 28P
Cutler- Hammer
2002
logo
List of Unclassifed Man...
25960 ETC-25960 Datasheet
3Mb / 2P
VACO STEP DRILL BITS
Rev. 11/22 A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com