Electronic Components Datasheet Search
  English  ▼

X  

AV02521 Datasheet(PDF) 1 Page - Pro-Signal

Part # AV02521
Description  Lead Coax Phono - Phono
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

AV02521 Datasheet(HTML) 1 Page - Pro-Signal

  AV02521 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
12/09/12
Lead
Coax Phono - Phono
Description
Part Number
Lead, Coaxial Phono to Phono, 5M
AV02521
Part Number Table
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Specification:
Connector Type A
: Phono Plug
Connector Type B
: Phono Plug
Cable Assembly Type
: Audio / Video
Cable Length - Imperial
: 16.4ft
Cable Length - Metric
: 5m
Jacket Colour
: Black
Colour
: Yellow


Similar Part No. - AV02521

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
AV02501 PROSIGNAL-AV02501 Datasheet
493Kb / 1P
Lead 21 - 21 Pin Scart Plug
12/09/12 V1.0
AV02502 PROSIGNAL-AV02502 Datasheet
104Kb / 1P
Lead 21 Pin to 21 Pin Scart Plug
14/09/12 V1.0
logo
Schneider Electric
AV025046CV5F1N SCHNEIDER-AV025046CV5F1N Datasheet
85Kb / 2P
VarSet Automatic Standard - Lugs (6000s) 0250 kVar, 480 V - Top - NEMA 1
logo
Pro-Signal
AV02509 PROSIGNAL-AV02509 Datasheet
214Kb / 1P
Lead 21 Pin Scart Plug Switch to 3 × RCA Plugs
12/09/12 V1.0
AV02559 PROSIGNAL-AV02559 Datasheet
219Kb / 1P
Lead 3.5mm S Jack to 2 × M Phono
12/09/12 V1.0
More results

Similar Description - AV02521

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4054 POMONA-4054 Datasheet
22Kb / 1P
Adapter - Phono Jack to BNC Male
logo
Switchcraft, Inc.
332A SWITCH-332A Datasheet
70Kb / 1P
PHONO JAX TO MICROPHONE CONNECTOR
3503X SWITCH-3503X Datasheet
260Kb / 1P
PHONO EXTENSION JAX, RoHS
logo
Pomona Electronics
MODEL4054 POMONA-MODEL4054 Datasheet
22Kb / 1P
Adapter ??Phono Jack to BNC Male
MODEL5319 POMONA-MODEL5319 Datasheet
18Kb / 1P
Adapter ??BNC Female To Phono Plug
logo
Assmann Electronics Inc...
AK302-2-R ASSMANN-AK302-2-R Datasheet
218Kb / 1P
RCA Cable - Phono Plug/Plug, 2.0M
logo
List of Unclassifed Man...
BU-P5319 ETC2-BU-P5319 Datasheet
192Kb / 1P
Adapter - BNC Female to Phono Plug
logo
Electronic Components L...
CP30230 CLIFF-CP30230 Datasheet
460Kb / 1P
RCA PHONO FEEDTHROUGH CONNECTOR
05/2020
CP30231 CLIFF-CP30231 Datasheet
458Kb / 1P
RCA PHONO FEEDTHROUGH CONNECTOR
05/2020
CP30232 CLIFF-CP30232 Datasheet
460Kb / 1P
RCA PHONO FEEDTHROUGH CONNECTOR
05/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com