Electronic Components Datasheet Search
  English  ▼

X  

AV02559 Datasheet(PDF) 1 Page - Pro-Signal

Part # AV02559
Description  Lead 3.5mm S Jack to 2 × M Phono
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

AV02559 Datasheet(HTML) 1 Page - Pro-Signal

  AV02559 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
12/09/12
Lead
3.5mm S Jack to 2
× M Phono
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Description
Part Number
Lead, 3.5mm S Jack to 2 × M Phono, 3M
AV02559
Part Number Table
Dimensions : Millimetres
Specifications:
Connector Type A
: 3.5mm Stereo Jack Plug
Connector Type B
: 2 × Phono Plugs
Cable Assembly Type
: Audio / Video
Cable Length - Imperial
: 9.84ft
Cable Length - Metric
: 3m
Jacket Colour
: Black


Similar Part No. - AV02559

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
AV02501 PROSIGNAL-AV02501 Datasheet
493Kb / 1P
Lead 21 - 21 Pin Scart Plug
12/09/12 V1.0
AV02502 PROSIGNAL-AV02502 Datasheet
104Kb / 1P
Lead 21 Pin to 21 Pin Scart Plug
14/09/12 V1.0
logo
Schneider Electric
AV025046CV5F1N SCHNEIDER-AV025046CV5F1N Datasheet
85Kb / 2P
VarSet Automatic Standard - Lugs (6000s) 0250 kVar, 480 V - Top - NEMA 1
logo
Pro-Signal
AV02509 PROSIGNAL-AV02509 Datasheet
214Kb / 1P
Lead 21 Pin Scart Plug Switch to 3 × RCA Plugs
12/09/12 V1.0
AV02521 PROSIGNAL-AV02521 Datasheet
159Kb / 1P
Lead Coax Phono - Phono
V1.0 12/09/12
More results

Similar Description - AV02559

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1442 POMONA-1442 Datasheet
28Kb / 1P
Adapter, Phono Jack To Double Banana Plug
4054 POMONA-4054 Datasheet
22Kb / 1P
Adapter - Phono Jack to BNC Male
MODEL1442 POMONA-MODEL1442 Datasheet
28Kb / 1P
Adapter, Phono Jack To Double Banana Plug
MODEL4054 POMONA-MODEL4054 Datasheet
22Kb / 1P
Adapter ??Phono Jack to BNC Male
logo
Emerson Network Power
ADT-2733-MF-3MM-02-01 EMERSON-NETWORKPOWER-ADT-2733-MF-3MM-02-01 Datasheet
97Kb / 1P
ADAPTER - 3.5MM JACK TO 3.5MM PLUG OUTLINE DRAWING
ADT-2734-MM-3MM-02-01 EMERSON-NETWORKPOWER-ADT-2734-MM-3MM-02-01 Datasheet
70Kb / 1P
ADAPTER - 3.5MM JACK TO 3.5MM PLUG OUTLINE DRAWING
ADT-2735-FF-3MM-02-01 EMERSON-NETWORKPOWER-ADT-2735-FF-3MM-02-01 Datasheet
72Kb / 1P
ADAPTER - 3.5MM JACK TO 3.5MM PLUG OUTLINE
logo
IOGEAR
G2LMM006 IOGEAR-G2LMM006 Datasheet
138Kb / 2P
6ft 3.5mm (M) to 3.5mm (M) Aux Stereo Audio Cable
logo
Molex Electronics Ltd.
732390270 MOLEX-732390270 Datasheet
76Kb / 1P
MX-VNA 3.5MM PLUG TO 3.5MM JACK CABLE ASSEMBLY
2023/04/24
732390290 MOLEX-732390290 Datasheet
77Kb / 1P
MX-VNA 3.5MM PLUG TO 3.5MM JACK ARMORED CABLE ASSEMBLY
2023/04/24
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com