Electronic Components Datasheet Search
  English  ▼

X  

AV02563 Datasheet(PDF) 1 Page - Pro-Signal

Part # AV02563
Description  Lead 6.35mm S Jack Plug to Plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

AV02563 Datasheet(HTML) 1 Page - Pro-Signal

  AV02563 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
12/09/12
Lead
6.35mm S Jack Plug to Plug
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Description
Part Number
Lead, 6.35mm S Jack Plug to Plug, 2M
AV02563
Part Number Table
Dimensions : Millimetres
Specifications:
Connector Type A
: 6.35mm Stereo Jack Plug
Connector Type B
: 6.35mm Stereo Jack Plug
Cable Assembly Type
: Audio / Video
Cable Length - Imperial
: 6.56ft
Cable Length - Metric
: 2m
Jacket Colour
: Black
No. of Poles
: 3
Description of Cable:
Inner conductor
: 2 × 9/0.12 Cu
Inner insulation
: 2 × Ø1.0 PVC (Red/White)
Spiral
: 2 × 28/0.1 Cu
Braiding
: 2 × Ø2.6 PVC black
Outer jacket
: Ø5.0 PVC White


Similar Part No. - AV02563

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
AV02562 PROSIGNAL-AV02562 Datasheet
191Kb / 1P
Lead
V1.0 01/10/12
More results

Similar Description - AV02563

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1809 POMONA-1809 Datasheet
25Kb / 1P
Pin Jack To Banana Plug
5547 POMONA-5547 Datasheet
22Kb / 1P
Pop Jack Plug To Multimeter Plug Lead
6358 POMONA-6358 Datasheet
48Kb / 1P
Test Lead, Straight DMM Plug To Retractable Plug
logo
Amphenol Corporation
5225 AMPHENOL-5225 Datasheet
77Kb / 1P
Straight, Plug to Plug or Plug to Jack
logo
Pasternack Enterprises,...
PE9119 PASTERNACK-PE9119 Datasheet
199Kb / 1P
SMC PLUG TO SMC JACK
PE9120 PASTERNACK-PE9120 Datasheet
108Kb / 1P
SMB PLUG TO SMB JACK
logo
Adam Technologies, Inc.
ASP-RA-635-A ADAM-TECH-ASP-RA-635-A Datasheet
59Kb / 1P
6.35MM PHONE PLUG
logo
Rosenberger Hochfrequen...
59S301-K00L5 ROSENBERGER-59S301-K00L5 Datasheet
38Kb / 2P
T-ADAPTOR PLUG ??PLUG - JACK
56S301-K00N5 ROSENBERGER-56S301-K00N5 Datasheet
83Kb / 2P
ADAPTOR JACK-PLUG-JACK
logo
Bel Fuse Inc.
VA229 BEL-VA229 Datasheet
861Kb / 1P
BNC Plug to Euro Jack
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com