Electronic Components Datasheet Search
  English  ▼

X  

HP-880 Datasheet(PDF) 1 Page - Pro-Signal

Part # HP-880
Description  Stereo Headphone
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

HP-880 Datasheet(HTML) 1 Page - Pro-Signal

  HP-880 Datasheet HTML 1Page - Pro-Signal HP-880 Datasheet HTML 2Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
06/07/18
Stereo Headphone
Electrical Specifications
Speaker Dimensions
: 77mm
Impedance
: 8Ω ±15% @ 1kHz
Rated Input Power
: 1W
Max. Input Power
: 2W for 1 Minute.
Sensitivity
: 98dB ±4dB Input Signal 1mW with Sunlight
Sound Pressure Level
: 98dB ±4dB Input Signal 1mW with Sunlight
Operation Test
: Must be Normal Program Source 1 W
Distortion
: 5% Max. Rated Input at 1kHz
Connector Type
: 6.3mm Jack Plug
Cord Length
: 1.8m
Weight
: 380 Grams
Environmental Test
Load Test (Speaker)
: White noise rated input, 24Hrs.
Humidity Test
: Temperature: 40 ±2°C,
Humidity: 90%, Duration:16Hrs.
High Temperature Test
: Temperature: 55 ± 2°C,
Humidity: 50%, Duration:16Hrs.
Low Temperature Test
: Temperature: -30 +/- 2°C,
Humidity: 50%, Duration:16Hrs.
Temp. Cycle Test
: Temp. Setting: Room temp for 1Hr.→ -30°C for 1Hr.→ 55°C for 1Hr.→ Room temp for 1Hr.
Vibration Test
: Vibration: 10-55Hz
Amplitude: 1.5mm, Duration: X, Y, Z each direction 2 hours.
Drop Test
: Directions of drop 1 corner, 3 edges and 6 faces.
The dropping height shown as below
Weight (kg)
Dropping Height (cm)
0 ~ 9.5
76.2
9.6 ~ 18.6
61.0
18.7 ~ 27.6
45.7
27.7 ~ 45.3
30.5


Similar Part No. - HP-880

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
HP-803XX ROITHNER-HP-803XX Datasheet
198Kb / 6P
3W Emitter Power LED Series
More results

Similar Description - HP-880

ManufacturerPart #DatasheetDescription
logo
Rohm
BH3544F ROHM-BH3544F Datasheet
213Kb / 5P
Stereo Headphone Amplifiers
BH3547F ROHM-BH3547F Datasheet
217Kb / 5P
Stereo Headphone Amplifiers
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
Stereo Headphone Amplifier
logo
Texas Instruments
TPA6135A2 TI-TPA6135A2 Datasheet
1,015Kb / 22P
DIRECTPATH??Stereo Headphone Amplifier
logo
Rohm
BH3541F ROHM-BH3541F_09 Datasheet
392Kb / 9P
Stereo Headphone Amplifiers
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
Stereo Headphone Amplifier
logo
Integrated Silicon Solu...
IS31AP4912 ISSI-IS31AP4912 Datasheet
295Kb / 9P
STEREO HEADPHONE DRIVER
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
Stereo Headphone Amplifier
logo
Integrated Silicon Solu...
IS31AP4912-UTLS2-TR ISSI-IS31AP4912-UTLS2-TR Datasheet
285Kb / 11P
STEREO HEADPHONE DRIVER
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com