Electronic Components Datasheet Search
  English  ▼

X  

B7649 Datasheet(PDF) 3 Page - EPCOS

Part # B7649
Description  SAW Components
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7649 Datasheet(HTML) 3 Page - EPCOS

  B7649 Datasheet HTML 1Page - EPCOS B7649 Datasheet HTML 2Page - EPCOS B7649 Datasheet HTML 3Page - EPCOS B7649 Datasheet HTML 4Page - EPCOS B7649 Datasheet HTML 5Page - EPCOS B7649 Datasheet HTML 6Page - EPCOS B7649 Datasheet HTML 7Page - EPCOS B7649 Datasheet HTML 8Page - EPCOS B7649 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
October 12, 2007
B7649
1950 / 2140 MHz
SAW Components
SAW Duplexer
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –15 ˚C to +80 ˚C
Antenna terminating impedance:
ZANT=50 Ω
TX terminating impedance:
ZTX =50 Ω
RX terminating impedance:
ZRX =50 Ω
Characterisitcs TX - ANT
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
1950.0
—
MHz
Maximum insertion attenuation
α
max
1920.0
... 1980.0
MHz
—
1.6
2.01)
1) 2.1 dB in ranges -30...-15oC and +80...+85oC
dB
Amplitude ripple (p-p)
∆α
1920.0
... 1980.0
MHz
—
0.45
0.9
dB
Amplitude ripple (p-p)
over any 5 MHz within passband
∆α
ch
1920.0
... 1980.0
MHz
—
0.2
0.5
dB
Group delay variation
over any 5 MHz within passband
∆α
ch
1920.0
... 1980.0
MHz
—6
20
ns
Input VSWR (TX port)
1920.0
... 1980.0
MHz
—
1.5
1.8
Output VSWR (ANT port)
1920.0
... 1980.0
MHz
—
1.3
1.6
Attenuation
α
0.3
... 1000.0
MHz
30
40
—
dB
1000.0
... 1550.0
MHz
30
36
—
dB
1550.0
... 1600.0
MHz
35
36.5
—
dB
1730.0
... 1790.0
MHz
30
43
—
dB
2110.0
... 2155.0
MHz
43
47
—
dB
2155.0
... 2170.0
MHz
45
50
—
dB
2400.0
... 2500.0
MHz
25
32
—
dB
2500.0
... 3840.0
MHz
20
26
—
dB
3840.0
... 3960.0
MHz
25
41
—
dB
5760.0
... 6000.0
MHz
10
20
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com