Electronic Components Datasheet Search
  English  ▼

X  

L5956PDTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # L5956PDTR
Description  Multifunction voltage regulator for car radio
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5956PDTR Datasheet(HTML) 5 Page - STMicroelectronics

  L5956PDTR Datasheet HTML 1Page - STMicroelectronics L5956PDTR Datasheet HTML 2Page - STMicroelectronics L5956PDTR Datasheet HTML 3Page - STMicroelectronics L5956PDTR Datasheet HTML 4Page - STMicroelectronics L5956PDTR Datasheet HTML 5Page - STMicroelectronics L5956PDTR Datasheet HTML 6Page - STMicroelectronics L5956PDTR Datasheet HTML 7Page - STMicroelectronics L5956PDTR Datasheet HTML 8Page - STMicroelectronics L5956PDTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
L5956
Block diagram and pins description
5/16
1
Block diagram and pins description
1.1
Block diagram
Figure 1.
Block diagram
1.2
Pins description
Figure 2.
Pins connection (top view)
POWER
SWITCH
IGNITION
BUFFER
THERMAL
PROTECTION
RESET
BUFFER
DUMP LOAD
PROTECTION
REG1
REG2
REG3
REG4
VINI (MAIN)
EN_SW
EN 1_3(8.5V_5V)
BU
VIN2
EN 4(3.3V)
IGNIN
RES
HOLD
REG 4(3.3V)
REG 3(5V)
REG 2(PERM)(5V)
REG 1(8.5V)
SW
IGNOUT
D02AU1342
CRES
GND
HOLD
EN_SW
ENREG1_3(8.5V_5V)
ENREG4(3.3V)
RES
CRES
IGNOUT
IGNIN
REG3(5V)
N.C.
REG1(8.5V)
N.C.
SW
VIN1
BU
REG2(5V)
HEATSINK
10
8
9
7
6
5
4
3
2
13
14
15
16
17
19
18
20
12
1
11
REG4(3.3V)
VIN2
D02AU1343
1
2
3
4
5
6
7
9
10
11
8
BU
REG2
VIN1
GND
HOLD
EN SW
EN REG1,3
EN REG4
CRES
RES
REG4
13
14
15
12
VIN2
REG3
REG1
SWITCH
D03AU1513
PowerSO
Multiwatt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com