Electronic Components Datasheet Search
  English  ▼

X  

RHF1401 Datasheet(PDF) 10 Page - STMicroelectronics

Part # RHF1401
Description  Rad-hard 14-bit 20Msps 85mW A/D converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF1401 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button RHF1401 Datasheet HTML 6Page - STMicroelectronics RHF1401 Datasheet HTML 7Page - STMicroelectronics RHF1401 Datasheet HTML 8Page - STMicroelectronics RHF1401 Datasheet HTML 9Page - STMicroelectronics RHF1401 Datasheet HTML 10Page - STMicroelectronics RHF1401 Datasheet HTML 11Page - STMicroelectronics RHF1401 Datasheet HTML 12Page - STMicroelectronics RHF1401 Datasheet HTML 13Page - STMicroelectronics RHF1401 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Electrical characteristics (unchanged after 300kRad)
RHF1401
10/29
See Figure 14
Table 8.
Static accuracy
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
DNL
Differential non linearity(1)
1.
SeeFigure 13 and Section 8: Definitions of specified parameters on page 24 for more information.
Fs=1.5 Msps
+/-0.3
LSB
INL
Integral non linearity(2)
2.
See Figure 14 and Section 8: Definitions of specified parameters on page 24 for more information.
Fs=1.5 Msps
+/-2
LSB
Monotonicity and no
missing codes
Guaranteed
Table 9.
Digital inputs and outputs
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Clock input
VIL
Logic "0" voltage
DVCC = 2.5 V
0
0
0.8
V
VIH
Logic "1" voltage
DVCC = 2.5 V
2.0
2.5
V
Digital inputs
VIL
Logic "0" voltage
VCCBE = 2.5 V
0
0.25 x
VCCBE
V
VIH
Logic "1" voltage
VCCBE = 2.5 V
0.75 x
VCCBE
VCCBE
V
Digital outputs
VOL
Logic "0" voltage
IOL = -1 mA
0
0.2
V
VOH
Logic "1" voltage
IOH = 1 mA
VCCBE
-0.2
V
IOZ
High impedance leakage
current
OEB set to VIH
-15
15
µA
CL
Output load capacitance
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com