Electronic Components Datasheet Search
  English  ▼

X  

RO3101A Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # RO3101A
Description  433.92 MHz SAW Resonator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RO3101A Datasheet(HTML) 2 Page - RF Monolithics, Inc

  RO3101A Datasheet HTML 1Page - RF Monolithics, Inc RO3101A Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 2 of 2
©2008 by RF Monolithics, Inc.
RO3101A - 3/26/08
Electrical Connections
The SAW resonator is bidirectional and may be
installed with either orientation. The two terminals
are interchangeable and unnumbered. The callout
NC indicates no internal connection. The NC pads
assist with mechanical positioning and stability.
External grounding of the NC pads is
recommended to help reduce parasitic
capacitance in the circuit.
Typical Test Circuit
The test circuit inductor, LTEST, is tuned to resonate with the static
capacitance, CO, at FC.
Typical Application Circuits
Equivalent LC Model
Temperature Characteristics
The curve shown on the right
accounts for resonator
contribution only and does not
include LC component
temperature contributions.
Typical
Circuit
Board
Land Pattern
The circuit board land pattern
shown below is one possible
design. The optimum land pattern is dependent on the circuit board
assembly process which varies by manufacturer. The distance between
adjacent land edges should be at a maximum to minimize parasitic
capacitance. Trace lengths from terminal lands to other components should
be short and wide to minimize parasitic series inductances.
Case Design
Terminal
Terminal
ELECTRICAL TEST
From 50
Ω
Network Analyzer
To 50
Ω
Network Analyzer
50
Ω Source
at F
C
REFLECTED
INCIDENT
P
P
Low-Loss
Matching
Network to
50
Ω
Terminal
Terminal
NC
NC
POWER TEST
CW RF Power Dissipation =
INCIDENT -
REFLECTED
P
P
C1
C2
L1
(Antenna)
+9VDC
47
RF Bypass
Modulation
Input
Typical Low-Power Transmitter Application
RO3XXXA
Bottom View
470
200k
Ω
C1
C2
L1
Output
+VDC
RF Bypass
+VDC
Typical Local Oscillator Applications
RO3XXXA
Bottom View
Dimensions
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A
4.87
5.0
5.13
.191
.196
.201
B
3.37
3.5
3.63
.132
.137
.142
C
1.45
1.53
1.60
.057
.060
.062
D
1.35
1.43
1.50
.040
.057
.059
E
.67
.80
.93
.026
.031
.036
F
.37
.50
.63
.014
.019
.024
G
1.07
1.20
1.33
.042
.047
.052
0.05 pF*
0.05 pF
Cp
Co
+
=
*Case Parasitics
Cp
Rm
Lm
Cm
-80 -60 -40 -20
0 +20 +40 +60
0
-50
-100
-150
+80
-200
0
-50
-100
-150
-200
f
C = f O , T C = T O
ΔT = T
C - T O ( °C )
Typical Dimension:
0.010 to 0.047 inch
(0.25 to 1.20 mm)
(4 Places)
B
C
D
E (3x)
F (4x)
G (1x)
Top View
Side View
Bottom View
1
2
3
4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com