Electronic Components Datasheet Search
  English  ▼

X  

54F563DM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54F563DM
Description  Octal D-Type Latch with TRI-STATE짰 Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F563DM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54F563DM Datasheet HTML 1Page - National Semiconductor (TI) 54F563DM Datasheet HTML 2Page - National Semiconductor (TI) 54F563DM Datasheet HTML 3Page - National Semiconductor (TI) 54F563DM Datasheet HTML 4Page - National Semiconductor (TI) 54F563DM Datasheet HTML 5Page - National Semiconductor (TI) 54F563DM Datasheet HTML 6Page - National Semiconductor (TI) 54F563DM Datasheet HTML 7Page - National Semiconductor (TI) 54F563DM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF9562
May 1995
54F74F563
Octal D-Type Latch with TRI-STATE
Outputs
General Description
The ’F563 is a high-speed octal latch with buffered common
Latch Enable (LE) and buffered common Output Enable
(OE) inputs
This device is functionally identical to the ’F573 but has
inverted outputs
Features
Y
Inputs and outputs on opposite sides of package
allowing easy interface with microprocessors
Y
Useful as input or output port for microprocessors
Y
Functionally identical to ’F573
Commercial
Military
Package
Package Description
Number
74F563PC
N20A
20-Lead (0300 Wide) Molded Dual-In-Line
54F563DM (Note 2)
J20A
20-Lead Ceramic Dual-In-Line
74F563SC (Note 1)
M20B
20-Lead (0300 Wide) Molded Small Outline JEDEC
74F563SJ (Note 1)
M20D
20-Lead (0300 Wide) Molded Small Outline EIAJ
54F563FM (Note 2)
W20A
20-Lead Cerpack
54F563LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier Type C
Note 1
Devices also available in 13
reel Use suffix e SCX and SJX
Note 2
Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB
Logic Symbols
TLF9562 – 3
IEEEIEC
TLF9562 – 5
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
D0–D7
Data Inputs
1010
20 mA b06 mA
LE
Latch Enable Input (Active HIGH)
1010
20 mA b06 mA
OE
TRI-STATE Output Enable Input (Active LOW)
1010
20 mA b06 mA
O0–O7
TRI-STATE Latch Outputs
15040 (333)
b
3 mA24 mA (20 mA)
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - 54F563DM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F521 NSC-54F521 Datasheet
165Kb / 8P
8-Bit Identity Comparator
54F521DM NSC-54F521DM Datasheet
165Kb / 8P
8-Bit Identity Comparator
54F533 NSC-54F533 Datasheet
166Kb / 8P
Octal Transparent Latch with TRI-STATE Outputs
54F533DCQB NSC-54F533DCQB Datasheet
166Kb / 8P
Octal Transparent Latch with TRI-STATE Outputs
54F533DCX NSC-54F533DCX Datasheet
166Kb / 8P
Octal Transparent Latch with TRI-STATE Outputs
More results

Similar Description - 54F563DM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT573 NSC-54ABT573 Datasheet
404Kb / 12P
Octal D-Type Latch with TRI-STATE Outputs
54ACT563 NSC-54ACT563 Datasheet
159Kb / 6P
Octal Latch with TRI-STATE Outputs
54ACT573 NSC-54ACT573 Datasheet
159Kb / 10P
Octal Latch with TRI-STATE Outputs
54F573DM NSC-54F573DM Datasheet
166Kb / 8P
Octal D-Type Latch with TRI-STATE Outputs
54FCT573 NSC-54FCT573 Datasheet
148Kb / 7P
Octal D-Type Latch with TRI-STATE Outputs
DM74LS563 NSC-DM74LS563 Datasheet
79Kb / 3P
OCTAL D-TYPE LATCH WITH TRI-STATE OUTPUTS
MM54HC533 NSC-MM54HC533 Datasheet
101Kb / 4P
TRI-STATE-R Octal D-Type Latch with Inverted Outputs
DM74AS533 NSC-DM74AS533 Datasheet
126Kb / 4P
Octal D-Type Transparent Latch with TRI-STATE Outputs
54ABT543 NSC-54ABT543 Datasheet
160Kb / 8P
Octal Registered Transceiver with TRI-STATE짰 Outputs
logo
Texas Instruments
54ACT573 TI1-54ACT573_13 Datasheet
138Kb / 6P
Octal Latch with Tri-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com