Electronic Components Datasheet Search
  English  ▼

X  

ST1S03A Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST1S03A
Description  1.5A, 1.5 MHz Adjustable, with inhibit function Step-down switching regulator in DFN6 3x3
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S03A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST1S03A Datasheet HTML 5Page - STMicroelectronics ST1S03A Datasheet HTML 6Page - STMicroelectronics ST1S03A Datasheet HTML 7Page - STMicroelectronics ST1S03A Datasheet HTML 8Page - STMicroelectronics ST1S03A Datasheet HTML 9Page - STMicroelectronics ST1S03A Datasheet HTML 10Page - STMicroelectronics ST1S03A Datasheet HTML 11Page - STMicroelectronics ST1S03A Datasheet HTML 12Page - STMicroelectronics ST1S03A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ST1S03A
Package mechanical data
9/14
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages.
These packages have a Lead-free second level interconnect. The category of second Level
Interconnect is marked on the package and on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at:
www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com