Electronic Components Datasheet Search
  English  ▼

X  

370-8536 Datasheet(PDF) 1 Page - Pro-Signal

Part # 370-8536
Description  Polypropylene Cone Woofers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

370-8536 Datasheet(HTML) 1 Page - Pro-Signal

  370-8536 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Polypropylene Cone Woofers
A range of woofers with a rugged design. The speakers
feature carefully matched polypropylene cones, magnet
weights, voice coils and foam surrounds, offering out-
standing characterisitics. Ideal for replacements, upgrades
or OEM’s.
Speaker
Power Rating
Frequency Response
SPL
4Ω Impedance
8"
70W RMS, 100 max.
40Hz to 3kHz
87.5dB
8Ω Impedance
8"
70W RMS, 100 max.
28Hz to 3.5kHz
87dB
12"
80W RMS, 100 max.
28Hz to 4kHz
93dB
248434
Price Each
Size
Depth
Order Code
4Ω Impedance
8" (206mm)
88mm
426-2475
8Ω Impedance
8" (206mm)
88mm
370-8536
12" (305mm)
127mm
370-8550


Similar Part No. - 370-8536

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
370-80-102-00-001101 PREDIP-370-80-102-00-001101 Datasheet
18Kb / 3P
PCB CONNECTORS
More results

Similar Description - 370-8536

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L333SRC BETLUX-BL-L333SRC Datasheet
72Kb / 3P
Cylindrical, Inverted Cone LED lamp
REV NO: V.2
BL-L334SRC BETLUX-BL-L334SRC Datasheet
72Kb / 3P
Cylindrical, Inverted Cone LED lamp
REV NO: V.2
BL-L532SRC BETLUX-BL-L532SRC Datasheet
71Kb / 3P
Cylindrical, Inverted Cone LED lamp
REV NO: V.2
logo
Glenair, Inc.
380AS099XM08 GLENAIR-380AS099XM08 Datasheet
363Kb / 2P
Composite Cone and Ring Style
380AS100XM08 GLENAIR-380AS100XM08 Datasheet
315Kb / 2P
Composite Cone and Ring Style
logo
List of Unclassifed Man...
ABS-205 ETC1-ABS-205 Datasheet
714Kb / 2P
Speaker - Mylar Cone
logo
CUI INC
CVS-1508 CUI-CVS-1508 Datasheet
1Mb / 4P
plastic frame, mylar cone, plastic case
logo
PUI audio inc.
AS02504PR-N50-R PUIAUDIO-AS02504PR-N50-R Datasheet
616Kb / 5P
Paper cone and rubber surround
AS02804PR-N50-R PUIAUDIO-AS02804PR-N50-R Datasheet
562Kb / 5P
Paper cone and foam surround
logo
Lapp.
52021259 LAPP-52021259 Datasheet
122Kb / 2P
SKINDICHT® SHV SEALING CONE
25.09.2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com