Electronic Components Datasheet Search
  English  ▼

X  

9051 Datasheet(PDF) 2 Page - Pro-Power

Part # 9051
Description  G.P. Duct tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

9051 Datasheet(HTML) 2 Page - Pro-Power

  9051 Datasheet HTML 1Page - Pro-Power 9051 Datasheet HTML 2Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
#9051
G.P. Duct tape
Application fields
Terms & Conditions of liability
PPM tapes must be stored in a dry location, protected from direct sunlight exposure and from freezing.
Storage temperatures should be as close as possible to room temperature; suggested storage temperature
should range from 15 to 25°C with max. relative humidity of 60%.
Make sure the surface you wish to place the tape on is cleaned, dried and free from oil and dust.
It is suggested not to apply the tape with temperatures lower than 10°C.
With a storage temperature lower than 10°C, it is always suggested temperature reconditioning of the tape at
room temperature ( 15°C - 25 ° C ) before its use.
Shelf life from date of manufacture:
(no yellowing and < 10% loss in performance at 23 °C, 50 % humidity) is considered 12 months for Slit rolls and
6 for Jumbo rolls.
PPM does not take responsibility for the defective material is not stored and used in accordance with the
conditions listed above.
www.ppmindustries.com
Technical Features
REV_03_140515



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com