Electronic Components Datasheet Search
  English  ▼

X  

13781 Datasheet(PDF) 3 Page - Pro-Power

Part # 13781
Description  2:1 Polyolefin Heat Shrink Tubing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

13781 Datasheet(HTML) 3 Page - Pro-Power

  13781 Datasheet HTML 1Page - Pro-Power 13781 Datasheet HTML 2Page - Pro-Power 13781 Datasheet HTML 3Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page <3>
V1.0
29/11/19
2:1 Polyolefin Heat Shrink Tubing
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Heat Shrink Tubing, Polyolefin, 2:1, Black, 1.2mm, 100m
13745
Heat Shrink Tubing, Polyolefin, 2:1, Black, 7 mm, 100m
13746
Heat Shrink Tubing, Polyolefin, 2:1, Black, 16mm, 100m
13747
Heat Shrink Tubing, Polyolefin, 2:1, Black, 32mm, 50m
13748
Heat Shrink Tubing, Polyolefin, 2:1, Clear, 1.2mm, 100m
13749
Heat Shrink Tubing, Polyolefin, 2:1, Red, 1.2mm, 100m
13753
Heat Shrink Tubing, Polyolefin, 2:1, Yellow, 1.2mm, 100m
13757
Heat Shrink Tubing, Polyolefin, 2:1, White, 1.2mm, 100m
13761
Heat Shrink Tubing, Polyolefin, 2:1, Blue, 1.2mm, 100m
13765
Heat Shrink Tubing, Polyolefin, 2:1, Brown, 1.2mm, 100m
13773
Heat Shrink Tubing, Polyolefin, 2:1, Grey, 1.2mm, 100m
13777
Heat Shrink Tubing, Polyolefin, 2:1, Orange, 1.2mm, 100m
13781
Heat Shrink Tubing, Polyolefin, 2:1, Green, 1.2mm, 100m
13785
Heat Shrink Tubing, Polyolefin, 2:1, Green/Yellow, 25.4mm, 5m
15097
Heat Shrink Tubing, Polyolefin, 2:1, Black, 1.2mm, 5m
15122
Heat Shrink Tubing, Polyolefin, 2:1, Black, 7.9mm, 5m
15123
Heat Shrink Tubing, Polyolefin, 2:1, Black, 16mm, 5m
15124
Heat Shrink Tubing, Polyolefin, 2:1, Black, 32mm, 5m
15125
Heat Shrink Tubing, Polyolefin, 2:1, Clear, 1.2mm, 5m
15126
Heat Shrink Tubing, Polyolefin, 2:1, Red, 1.2mm, 5m
15130
Heat Shrink Tubing, Polyolefin, 2:1, Yellow, 1.2mm, 5m
15134
Heat Shrink Tubing, Polyolefin, 2:1, White, 1.2mm, 5m
15138
Heat Shrink Tubing, Polyolefin, 2:1, Blue, 1.2mm, 5m
15142
Heat Shrink Tubing, Polyolefin, 2:1, Brown, 1.2mm, 5m
15150
Heat Shrink Tubing, Polyolefin, 2:1, Grey, 1.2mm, 5m
15154
Heat Shrink Tubing, Polyolefin, 2:1, Orange, 1.2mm, 5m
15158
Heat Shrink Tubing, Polyolefin, 2:1, Green, 1.2mm, 5m
15162



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com