Electronic Components Datasheet Search
  English  ▼

X  

APCE4.0ORGE Datasheet(PDF) 1 Page - Pro-Power

Part # APCE4.0ORGE
Description  ASSORTED CORD ENDS FRENCH (A)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

APCE4.0ORGE Datasheet(HTML) 1 Page - Pro-Power

  APCE4.0ORGE Datasheet HTML 1Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Datasheet Ref: ACETFKT
Issue: 1
Page 1 of 1
This data sheet remains the property and copyright of C & C Cables Limited and the information contained within this document must
not be copied or reproduced without the permission, in writing, from C & C Cables Limited. All information contained within this data
sheet was correct at time of creation but may be subject to change without prior notice.
ASSORTED CORD ENDS FRENCH (A)
Product Type:
Assorted Cord Ends French (A)
Specification:
Kit consists of 2600 pieces
French cord end terminals
Size range: 0.5-10mm
Colours: White, Blue, Red, Black, Grey, Orange, Green & Brown
Supplied in a clear compact case
Application:
This assorted kit consists of various types of French cord end terminals, please see table contents below for
full contents:
Product Code: ACETFKT
Code
Description
Size (mm)
Colour
Qty
APCE0.75BLU
Cord End
0.75mm2
Blue
500
APCE0.5WH
Cord End
0.5mm2
White
500
APCE1.5BLK
Cord End
1.5mm2
Black
500
APCE1.0RED
Cord End
1.0mm2
Red
500
APCE4.0ORGE
Cord End
4.0mm2
Orange
50
APCE6.0GRN
Cord End
6.0mm2
Green
25
APCE10BRN
Cord End
10.0mm2
Brown
25
APCE2.5GREY
Cord End
2.5mm2
Grey
500


Similar Part No. - APCE4.0ORGE

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
APC ASTRODYNE-APC Datasheet
247Kb / 3P
5 Watt Ultraminiature Modular Switching Power Supplies
logo
Arch Electronics Corp.
APC ARCH-APC Datasheet
417Kb / 5P
AC-DC Power Module
logo
TT Electronics.
APC TTELEC-APC Datasheet
537Kb / 3P
Anti-Sulphur Precision Chip
logo
Mini-Circuits
APC-10FT-NMNM MINI-APC-10FT-NMNM Datasheet
341Kb / 1P
Armored Test Cable
APC-10FT-NMNM+ MINI-APC-10FT-NMNM+ Datasheet
341Kb / 1P
Armored Test Cable
More results

Similar Description - APCE4.0ORGE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS1T70-D540F STMICROELECTRONICS-GS1T70-D540F Datasheet
64Kb / 4P
ISDN DC-DC CONVERTER FRENCH VERSION
Jun-1994
logo
Siemens Semiconductor G...
TDA2148 SIEMENS-TDA2148 Datasheet
268Kb / 10P
AM AMPLIFIER FOR FRENCH SOUND IF STANDARD
logo
Littelfuse
LA70QS20-4FI LITTELFUSE-LA70QS20-4FI Datasheet
376Kb / 1P
LA70QS French Cylindrical Fuses
logo
Bourns Electronic Solut...
H-839 BOURNS-H-839 Datasheet
1Mb / 6P
BOURNS OFFERS OVER 35 ASSORTED KITS
logo
Tripp Lite. All Rights ...
SUPER6OMNID TRIPPLITE-SUPER6OMNID Datasheet
487Kb / 3P
Protect It 230V 6-Universal Outlet Surge Protector, 1.8M Cord, German/French Plug, 750 Joules
TLP2USBF TRIPPLITE-TLP2USBF Datasheet
491Kb / 3P
Protect It 230V Surge Protector with 2 French/Belgian Outlets, 0.33M Cord, 380 Joules, French plug
TLP51F TRIPPLITE-TLP51F Datasheet
486Kb / 2P
Protect It 230V Surge Protector with 5 French/Belgian Outlets, 1M Cord, 280 Joules,French plug, Diagnostic LED
TLP61F TRIPPLITE-TLP61F Datasheet
482Kb / 3P
Protect It 230V Surge Protector with 6 French/Belgian Outlets, 2M Cord, 1140 Joules,French plug
TLP82F TRIPPLITE-TLP82F Datasheet
500Kb / 2P
Protect It 230V Surge Protector with 8 French/Belgian Outlets, French Plug, 2280 Joules
logo
SparkFun Electronics
COM-14977 SPARKFUN-COM-14977 Datasheet
245Kb / 2P
LED - Assorted with Resistor 5mm (20 pack)
10-29-18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com