Electronic Components Datasheet Search
  English  ▼

X  

SPC12216 Datasheet(PDF) 1 Page - Pro-Power

Part # SPC12216
Description  Expandable Sleeving
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

SPC12216 Datasheet(HTML) 1 Page - Pro-Power

  SPC12216 Datasheet HTML 1Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
25/05/20
Expandable Sleeving
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Features
• Rated to 125°C
• Low temperature flexibility to -70°C
• Can be cut with ordinary scissors, eliminates the need for
hot-knife cutting
• Does not trap heat or humidity
• Rot-tree
• Self-fitting over many shapes and sizes
• Self-extinguishing when used to encase typical
non-flammable wires or cables
Description
Nominal
Size
Minimum
Diameter
Maximum
Diameter
Typical
Weight
(lb/ft)
Spool
Length
(ft.)
Part
Number
Expandable Sleeving, Fray
Resistant, Black
1/8
3/32
1/4
0.0019
100
SPC12212
1/4
1/8
7/16
0.0027
SPC12213
3/8
1/4
1/2
0.0058
SPC12214
1/2
1/4
3/4
0.0078
SPC12215
3/4
1/2
1 1/4
0.013
50
SPC12216
1 1/4
3/4
1 3/4
0.0168
SPC12217
1 3/4
1 1/4
2 3/4
0.0272
25
SPC12218
2
1 1/2
3 1/2
0.0332
SPC12219
2 1/2
1 3/4
4 1/2
0.0462
SPC12220
Note
This fray resistant sleeving should not be used in hard vacuum environments nor immersed in solvents or liquids where the
fray resistant treatment particulates could contaminate the system environment.
Part Number Table
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.


Similar Part No. - SPC12216

ManufacturerPart #DatasheetDescription
logo
Pro-Power
SPC12221 PROPOWER-SPC12221 Datasheet
176Kb / 1P
Fray Resistant, Flame Retardant, Expandable Sleeving
V1.0 08/05/20
SPC12222 PROPOWER-SPC12222 Datasheet
176Kb / 1P
Fray Resistant, Flame Retardant, Expandable Sleeving
V1.0 08/05/20
SPC12223 PROPOWER-SPC12223 Datasheet
176Kb / 1P
Fray Resistant, Flame Retardant, Expandable Sleeving
V1.0 08/05/20
SPC12224 PROPOWER-SPC12224 Datasheet
176Kb / 1P
Fray Resistant, Flame Retardant, Expandable Sleeving
V1.0 08/05/20
SPC12225 PROPOWER-SPC12225 Datasheet
176Kb / 1P
Fray Resistant, Flame Retardant, Expandable Sleeving
V1.0 08/05/20
More results

Similar Description - SPC12216

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
102-001-004 GLENAIR-102-001-004 Datasheet
63Kb / 1P
Expandable Fabric Tubular Braided Sleeving
logo
Richco, Inc.
OFEB-3-19 RICHCO-OFEB-3-19 Datasheet
43Kb / 1P
OPTICAL FIBER EXPANDABLE BRACKET
logo
Kemet Corporation
2A-160 KEMET-2A-160 Datasheet
121Kb / 1P
Assembly into Can , Sleeving Machine
logo
OEN India Limited
04-ES-125 OENINDIA-04-ES-125 Datasheet
114Kb / 1P
Expandable Braided Polyester Sleeving
04-ESNF125-10 OENINDIA-04-ESNF125-10 Datasheet
188Kb / 1P
No-Fray Expandable Braided Polyester Sleeving
logo
Adlink Technology Inc.
MVP-6000 ADLINK-MVP-6000 Datasheet
216Kb / 2P
Expandable Fanless Embedded Computer
MVP-6010 ADLINK-MVP-6010 Datasheet
899Kb / 3P
Expandable Fanless Embedded Computer
MVP-6100 ADLINK-MVP-6100 Datasheet
821Kb / 2P
Expandable GPU Workstation Platforms
MVP-6100-MXM ADLINK-MVP-6100-MXM Datasheet
821Kb / 2P
Expandable GPU Workstation Platforms
logo
Heyco.
8880 HEYCO-8880 Datasheet
184Kb / 1P
Heyco® Self-Closing Braided Sleeving
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com