Electronic Components Datasheet Search
  English  ▼

X  

15158 Datasheet(PDF) 1 Page - Pro-Power

Part # 15158
Description  2:1 Polyolefin Heat Shrink Tubing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

15158 Datasheet(HTML) 1 Page - Pro-Power

  15158 Datasheet HTML 1Page - Pro-Power 15158 Datasheet HTML 2Page - Pro-Power 15158 Datasheet HTML 3Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page <1>
V1.0
29/11/19
2:1 Polyolefin Heat Shrink Tubing
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Characteristics
• Halogen Free
• Operating temperature -55°C to +125°C
• Minimum Shrink Temperature: 70°C
• Full recovery temperature: 125°C
• Shrink Ratio 2:1
• Available Colours: Green/Yellow, White, Green, Yellow, Blue, Red, Black, Grey.
Application
These heat shrink tubing is manufactured with modified radiation cross-linked polyolefin. The specially designed halogen
free formulation makes the tubing very flexible and shrinks at lower temperature. Suitable for applications where temperature
sensitive components protection, e.g. PVC jacketed wire and cable and quick shrinkage is required. It has good mechanical
and electrical performances.
Technical Data
Property
Test Method
Typical Data
Tensile Strength
ASTN D2671
≥10.4 Mpa
Ultimate Elongation
ASTN D2671
≥200%
Longitudinal Shrinkage
UL 224
+/-5%
Heat Aging
Tensile Strength
Ultimate Elongation
158°C, 168hr.
≥7.3 Mpa
≥100%
Heat shock
250°C, 4hrs.
No cracking, No dripping
Flammability
FMVSS302
Pass
Dielectric Strength
ASTM D150
≥15 kV/mm
Volume Resistivity
ASTM D2671
≥1 × 1014 Ω cm
Copper Stability
UL224
Pass
Copper Corrosion
UL224
No corrosion


Similar Part No. - 15158

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
15158 MULTICOMP-15158 Datasheet
288Kb / 3P
2:1 Polyolefin Heat Shrink Tubing
29/11/19 V1.0
logo
Adels-Contact
151582 ADELS-151582 Datasheet
118Kb / 1P
160 BU/ 2 DSs
30/12/2019
151583 ADELS-151583 Datasheet
120Kb / 2P
160 BU/ 3 DSs
30/12/2019
151585 ADELS-151585 Datasheet
124Kb / 2P
160 BU/ 5 DSs
30/12/2019
logo
TE Connectivity Ltd
1515867-1 TEC-1515867-1 Datasheet
155Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 15158

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CGAT MACOM-CGAT Datasheet
48Kb / 2P
Adhesive lined polyolefin heat-shrinkable tubing
logo
Qualtek Electronics Cor...
Q2-F4X QUALTEK-Q2-F4X_13 Datasheet
662Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-R QUALTEK-Q2-R_13 Datasheet
649Kb / 1P
HEAT SHRINK THIN WALL TUBING
logo
List of Unclassifed Man...
SH275-4 ETC2-SH275-4 Datasheet
85Kb / 3P
Heat Shrinkable Irradiated Polyolefin Tubing
PP2258 ETC2-PP2258 Datasheet
271Kb / 4P
Heat Shrink Tubing
PP2130 ETC2-PP2130 Datasheet
271Kb / 4P
Heat Shrink Tubing 2 1 Ratio
logo
Adam Technologies, Inc.
HST-A-XXX-XX-X-SR31 ADAM-TECH-HST-A-XXX-XX-X-SR31 Datasheet
317Kb / 2P
DUAL WALL ADHESIVE LINED HEAT SHRINK TUBING, FLAME RETARDANT POLYOLEFIN
Rev C
HST-A-XXX-XX-X-SR41 ADAM-TECH-HST-A-XXX-XX-X-SR41 Datasheet
292Kb / 2P
DUAL WALL ADHESIVE LINED HEAT SHRINK TUBING, FLAME RETARDANT POLYOLEFIN
Rev. C
HST-XX-XX-X ADAM-TECH-HST-XX-XX-X Datasheet
867Kb / 2P
HEAT SHRINK TUBING, SINGLE WALL, FLAME RETARDANT POLYOLEFIN
Rev. B
logo
TE Connectivity Ltd
DWHF TEC-DWHF Datasheet
169Kb / 2P
DWHF – IRRADIATED MODIFIED POLYOLEFIN DUAL WALL HEAT SHRINK TUBING
Rev. A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com