Electronic Components Datasheet Search
  English  ▼

X  

TDA7719 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7719
Description  3 band car audio processor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7719 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7719 Datasheet HTML 14Page - STMicroelectronics TDA7719 Datasheet HTML 15Page - STMicroelectronics TDA7719 Datasheet HTML 16Page - STMicroelectronics TDA7719 Datasheet HTML 17Page - STMicroelectronics TDA7719 Datasheet HTML 18Page - STMicroelectronics TDA7719 Datasheet HTML 19Page - STMicroelectronics TDA7719 Datasheet HTML 20Page - STMicroelectronics TDA7719 Datasheet HTML 21Page - STMicroelectronics TDA7719 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
Description
TDA7719
18/45
4.3.4
Flat mode
In flat mode the loudness stage works as a 0dB to -15dB attenuator.
4.4
SoftMute
The digitally controlled SoftMute stage allows muting/demuting the signal with a I2C-bus
programmable slope. The mute process can either be activated by the SoftMute pin or by
the I2C-bus. This slope is realized in a special S-shaped curve to mute slow in the critical
regions (see Figure 8).
For timing purposes the Bit0 of the I2C-bus output register is set to 1 from the start of muting
until the end of demuting.
Figure 8.
Softmute timing
Note:
A started Mute action is always terminated and could not be interrupted by a change of the
mute signal
4.5
SoftStep volume
When the volume-level is changed audible clicks could appear at the output. The root cause
of those clicks could either be a DC Offset before the volume-stage or the sudden change of
the envelope of the audio signal. With the SoftStep feature both kinds of clicks could be
reduced to a minimum and are no more audible. The blend-time from one step to the next is
programmable as 5ms or 10ms. The softstep control is described in detail in Chapter 4.10.
4.6
Bass
There are four parameters programmable in the bass stage:
1
EXT.
MUTE
+SIGNAL
REF
-SIGNAL
1
I
2C BUS
OUT
Time
D97AU634



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com