Electronic Components Datasheet Search
  English  ▼

X  

8100652 Datasheet(PDF) 1 Page - ledxon GmbH

Part # 8100652
Description  Downlight DLA1-M20, 18W 2515lm CRI80 3000K 24° black
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDXON [ledxon GmbH]
Direct Link  https://www.ledxon.de/en
Logo LEDXON - ledxon GmbH

8100652 Datasheet(HTML) 1 Page - ledxon GmbH

  8100652 Datasheet HTML 1Page - ledxon GmbH 8100652 Datasheet HTML 2Page - ledxon GmbH 8100652 Datasheet HTML 3Page - ledxon GmbH 8100652 Datasheet HTML 4Page - ledxon GmbH 8100652 Datasheet HTML 5Page - ledxon GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
/
Page 1 5
OXOMI
Created on 09/22/2026
L E D X O N
8100652
DLA1
GTIN: 4260456330335
Downlight DLA1-M20, 18W 2515lm CRI80 3000K 24° black
DLA1
DLA1


Similar Part No. - 8100652

ManufacturerPart #DatasheetDescription
logo
ledxon GmbH
8100650 LEDXON-8100650 Datasheet
125Kb / 5P
Downlight DLA1-M20, 18W 2515lm CRI80 3000K 15° white
8100651 LEDXON-8100651 Datasheet
126Kb / 5P
Downlight DLA1-M20, 18W 2515lm CRI80 3000K 15° grey
8100653 LEDXON-8100653 Datasheet
126Kb / 5P
Downlight DLA1-M20, 18W 2515lm CRI80 3000K 24° white
8100654 LEDXON-8100654 Datasheet
126Kb / 5P
Downlight DLA1-M20, 18W 2515lm CRI80 3000K 24° grey
8100655 LEDXON-8100655 Datasheet
125Kb / 5P
Downlight DLA1-M20, 18W 2515lm CRI80 3000K 40° black
More results

Similar Description - 8100652

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLSO-LVDL13W-90 P-TEC-PLSO-LVDL13W-90 Datasheet
191Kb / 2P
Dimmable LED Downlight
logo
Seoul Semiconductor
MJD-2V16W1P3 SEOUL-MJD-2V16W1P3 Datasheet
546Kb / 20P
120V 17W Downlight
SMJD-3V16W1P3 SEOUL-SMJD-3V16W1P3 Datasheet
2Mb / 20P
220V 17.5W Downlight
logo
Cree, Inc
CR6-625L-27K-12-E26 CREE-CR6-625L-27K-12-E26 Datasheet
524Kb / 2P
CR6 LED Downlight - 6
LR4 CREE-LR4 Datasheet
424Kb / 2P
Architectural LED Downlight
LR6 CREE-LR6 Datasheet
409Kb / 2P
LED Downlight
LR6-7L-27K-GU24-E26 CREE-LR6-7L-27K-GU24-E26 Datasheet
421Kb / 2P
LED Downlight
LR6-10L-35K-120V-A-DR CREE-LR6-10L-35K-120V-A-DR Datasheet
399Kb / 2P
LED Downlight
LR6-18L-35K-120V-A-DR CREE-LR6-18L-35K-120V-A-DR Datasheet
397Kb / 2P
LED Downlight
LR6-DR650 CREE-LR6-DR650 Datasheet
506Kb / 2P
Deep Recess LED Downlight
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com