Electronic Components Datasheet Search
  English  ▼

X  

AN645 Datasheet(PDF) 6 Page - Microchip Technology

Part # AN645
Description  USING KEELOQ짰 TO GENERATE HOPPING PASSWORDS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN645 Datasheet(HTML) 6 Page - Microchip Technology

Back Button AN645 Datasheet HTML 2Page - Microchip Technology AN645 Datasheet HTML 3Page - Microchip Technology AN645 Datasheet HTML 4Page - Microchip Technology AN645 Datasheet HTML 5Page - Microchip Technology AN645 Datasheet HTML 6Page - Microchip Technology AN645 Datasheet HTML 7Page - Microchip Technology AN645 Datasheet HTML 8Page - Microchip Technology AN645 Datasheet HTML 9Page - Microchip Technology AN645 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AN665
DS00665A-page 6
ã 1997 Microchip Technology Inc.
Software Implementation
The software is composed of three short code
segments:
• Receive routine for the KEELOQ HCS300 Encoder
• Keyboard Emulation Routines
• Main loop routine.
Receive Routine for the HCS300 Encoder
(RECEIVE)
The RECEIVE routine gathers the first 64 bits transmit-
ted by the HCS300, ignoring the last two bits (repeat
and battery status) as they carry no useful information
for this application, and packs them into a 8-bytes
buffer (Buffer0…Buffer7).
Keyboard Emulation Routines
(Sendbit, SendKey)
These implement the transmission of the key scan
codes according to the IBM-PC/AT keyboard protocol.
Main Loop
While the CMOS switch connects the PC to the key-
board clock and data lines, the LED output line is con-
tinuously polled to detect the activation of the HCS300
Note:
Any combination of its four input lines after
debouncing activates the encoder.
When the LED line goes low, the CMOS switch is acti-
vated to isolate the clock and data lines from the key-
board. The RECEIVE routine is called.
Upon successfully receiving a transmission, a loop is
entered where 16 hex digits from the receive buffer are
transmitted as a sequence of key press and key
release messages, separated by appropriate delays
repetitively calling the SENDKEY subroutine.
The software has been developed in the simplest pos-
sible form and, therefore, is open to a number of opti-
mizations. For example:
• The PIC12C508 could be put to “sleep” to further
reduce power consumption.
• The encoder could be removable and its pres-
ence/activation should be properly detected.
• For simplicity, the presented RECEIVE routine
requires a 400
ms transmission speed being con-
figured in the encoder, while a more flexible multi-
baud rate routine can be used as presented in
various other application notes.
• A second code word could be compared with the
first code word received to recognize transmission
errors (although highly improbable when the
encoder is wired to the PIC12508), since there is
no decryption, there is no other means to tell that
the transmission has not been corrupted.
Decoding Options
A code hopping password can be used to validate
access to a wide variety of electronic services provid-
ing the recipient application (typically, it will be some
software running on a server) is capable of following
some simple decryption and verification steps. The
fixed unencrypted part of the code (last 8 digits) can be
used to identify the user (7 digits) and the function acti-
vated on the encoder (1 out of 15, corresponding to the
last digit).
The hopping part has to be decrypted using the appro-
priate 64-bit decryption key. Depending on the desired
level of security, many different key generation and
management techniques can be adopted. For exam-
ple, the key could be deduced by the User ID and a
Manufacturer’s Key, by the “seed” code of the encoder
or could simply be a fixed 64-bit constant.
Learning techniques can also be applied so that the
application
actually
autonomously
acquires
the
required keys and builds a database of users, ID codes,
and decryption keys. For a further analysis, consult the
following literature:
.
AN645
PIC16C57 Based Code Hopping Secu-
rity System (DS00645)
AN662
KEELOQ Code Hopping Decoder Using
Secure Learn (DS00662)
AN663
KEELOQ Simple Code Hopping Decoder
(DS00663)
TB001
An Introduction to KeeLoq Code Hopping
(DS91000A)
TB003
An Introduction to KEELOQ Code Hopping
(DS91002A).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com