Electronic Components Datasheet Search
  English  ▼

X  

TSV321RILT Datasheet(PDF) 7 Page - Texas Instruments

Part # TSV321RILT
Description  General purpose input/output rail-to-rail low power operational amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSV321RILT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TSV321RILT Datasheet HTML 3Page - Texas Instruments TSV321RILT Datasheet HTML 4Page - Texas Instruments TSV321RILT Datasheet HTML 5Page - Texas Instruments TSV321RILT Datasheet HTML 6Page - Texas Instruments TSV321RILT Datasheet HTML 7Page - Texas Instruments TSV321RILT Datasheet HTML 8Page - Texas Instruments TSV321RILT Datasheet HTML 9Page - Texas Instruments TSV321RILT Datasheet HTML 10Page - Texas Instruments TSV321RILT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TSV321-TSV358-TSV324
Electrical characteristics
7/17
Figure 7.
Open loop gain vs. temperature at
VCC =3V
Figure 8.
High level output voltage vs.
temperature
-40
-20
0
20
406080
100
120
140
Temperature (°C)
70
80
90
100
110
Vcc = 3V
Vicm = 1.5V
RL = 600 Ohms
RL = 2 kOhms
-40
-20
0
20
406080
100
120
140
Temperature (°C)
70
80
90
100
110
Vcc = 3V
Vicm = 1.5V
RL = 600 Ohms
RL = 2 kOhms
-40-20
0
20
40
60
80100
120
140
Temperature (°C)
40
50
60
70
80
90
100
110
Vcc = 3V
Vcc = 5V
RL = 600 ohms
-40-20
0
20
40
60
80100
120
140
Temperature (°C)
40
50
60
70
80
90
100
110
Vcc = 3V
Vcc = 5V
RL = 600 ohms
Figure 9.
Low level output voltage vs.
temperature
Figure 10.
Output current vs. temperature at
VCC =5V
-40-20
0
20
40
60
80100
120
140
Temperature (°C)
40
50
60
70
80
90
100
110
Vcc = 3V
Vcc = 5V
RL = 600 ohms
-40-20
0
20
40
60
80100
120
140
Temperature (°C)
40
50
60
70
80
90
100
110
Vcc = 3V
Vcc = 5V
RL = 600 ohms
-40
-20
0
2040
6080
100
120
140
Temperature (°C)
-100
-50
0
50
100
Isink
Vcc = 5V
Vid = 1V
Isource
-40
-20
0
2040
6080
100
120
140
Temperature (°C)
-100
-50
0
50
100
Isink
Vcc = 5V
Vid = 1V
Isource
Figure 11.
Output current vs. temperature at
VCC =3V
Figure 12.
Output current vs. output voltage at
VCC =5V
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
-100
-50
0
50
100
Isink
Vcc = 3V
Vid = 1V
Isource
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
-100
-50
0
50
100
Isink
Vcc = 3V
Vid = 1V
Isource
0.0
1.0
2.0
3.0
4.0
5.0
Output Voltage (V)
-100
-50
0
50
100
sink
Vcc = 5V
Vid = 0.1V
Vicm = 2.5V
source
T = 25 °C
T = -40 °C
T = 125 °C
T = 125 °C
T = -40 °C
T = 25 °C
0.0
1.0
2.0
3.0
4.0
5.0
Output Voltage (V)
-100
-50
0
50
100
sink
Vcc = 5V
Vid = 0.1V
Vicm = 2.5V
source
T = 25 °C
T = -40 °C
T = 125 °C
T = 125 °C
T = -40 °C
T = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com