Electronic Components Datasheet Search
  English  ▼

X  

54F563PCQB Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54F563PCQB
Description  Octal D-Type Latch with TRI-STATE짰 Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F563PCQB Datasheet(HTML) 4 Page - National Semiconductor (TI)

  54F563PCQB Datasheet HTML 1Page - National Semiconductor (TI) 54F563PCQB Datasheet HTML 2Page - National Semiconductor (TI) 54F563PCQB Datasheet HTML 3Page - National Semiconductor (TI) 54F563PCQB Datasheet HTML 4Page - National Semiconductor (TI) 54F563PCQB Datasheet HTML 5Page - National Semiconductor (TI) 54F563PCQB Datasheet HTML 6Page - National Semiconductor (TI) 54F563PCQB Datasheet HTML 7Page - National Semiconductor (TI) 54F563PCQB Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics
74F
54F
74F
TA ea25 C
TA VCC e Mil
TA VCC e Com
Symbol
Parameter
VCC ea50V
CL e 50 pF
CL e 50 pF
Units
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
35
85
30
105
30
95
ns
tPHL
Dn to On
25
65
20
75
20
70
tPLH
Propagation Delay
45
95
40
110
40
105
ns
tPHL
LE to On
30
70
25
75
25
70
tPZH
Output Enable Time
20
75
20
95
20
90
tPZL
30
85
25
100
15
95
ns
tPHZ
Output Disable Time
15
55
15
70
15
65
tPLZ
15
55
15
55
15
55
AC Operating Requirements
74F
54F
74F
Symbol
Parameter
TA ea25 C
TA VCC e Mil
TA VCC e Com
Units
VCC ea50V
Min
Max
Min
Max
Min
Max
ts(H)
Setup Time HIGH or LOW
20
20
20
ns
ts(L)
Dn to LE
20
20
20
th(H)
Hold Time HIGH or LOW
30
30
30
ns
th(L)
Dn to LE
30
30
30
tw(H)
LE Pulse Width HIGH
40
40
40
ns
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are
defined as follows
74F
563
S
C
X
Temperature Range Family
Special Variations
74F e Commercial
X e Devices shipped in 13 reels
54F e Military
QB e Military grade device with
environmental and burn-in
Device Type
processing shipped in tubes
Package Code
Temperature Range
P e Plastic DIP
C e Commercial (0 Cto a70 C)
D e Ceramic DIP
M e Military (b55 Cto a125 C)
F e Flatpak
L e Leadless Chip Carrier (LCC)
S e Small Outline SOIC JEDEC
SJ e Small Outline SOIC EIAJ
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com