Electronic Components Datasheet Search
  English  ▼

X  

DN135 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DN135
Description  CURRENT TO VOLTAGE CONVERTER FOR PIGTAILED PHOTODIODE FIBER OPTIC POWER MONITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DN135 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DN135 Datasheet HTML 1Page - List of Unclassifed Manufacturers DN135 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CURRENT TO VOLTAGE CONVERTER FOR PIGTAILED
PHOTODIODE FIBER OPTIC POWER MONITORS
FEATURES
The DN135 is a current to voltage converter that is intended for use in
fiber optic power monitors. The device converts current from a
photodiode to voltage that is proportional to the incoming optical power in
dBm. The DN135 functions equally well with InGaAs and Silicon
photodiodes.
• 70dB DYNAMIC RANGE
• CONVERTS CURRENT LEVELS FROM 100pA to 2mA
• 0.500 VOLTS OUTPUT PER DECADE INCREASE IN OPTICAL POWER
• OPERATES FROM ± 5 VOLTS SUPPLIES
DATA SHEET
DN135
Therm
DN135
XXXX
1.25 Volts
Ref.
Calibration
Adjustment
10KΩ
6.81KΩ
Pigtailed
Photodiode
+5V
-5V
Output
OPTICAL
POWER IN
PIN
DN135
INPUT
POWER
Watts
dBm
Volts
1
100
10
1
100
10
1
mW
µ
W
µ
W
µ
W
nW
nW
nW
100 pW
0
-10
-20
-30
-40
-50
-60
-70
4.000
3.500
3.000
2.500
2.000
1.500
1.000
0.500
OUTPUT
VOLTAGE
INPUT
CURRENT
Amperes
Volts
1
100
10
1
100
10
1
mA
µ
A
µ
A
µ
A
nA
nA
nA
100
pA
4.000
3.500
3.000
2.500
2.000
1.500
1.000
0.500
OUTPUT
VOLTAGE
PIN #
FUNCTION
1
2
3
4
5
6
7
8
9
10
FACTORY CALIBRATION
IIN CURRENT INPUT
GROUND
VREF 1.25 VOLT REFERENCE
GROUND
+5 VOLTS
VC CALIBRATION INPUT
-5 VOLTS
VO VOLTAGE OUTPUT
FACTORY CALIBRATION
2
9
6
8
4
7
3, 5
The pigtailed photodiode and DN135 assembly
is calibrated by introducing an optical signal of
known magnitude into the fiber and adjusting
the calibration potentiometer so that the output
voltage corresponds to the input power level.
Example:
One hundred microwatts of optical power
@1550nm is introduced into a fiber that is
terminated in an InGaAs photodiode.* Adjust
the calibration control shown in Figure 1 until
the output voltage indicates 3.500 Volts. The
optical power monitor is now calibrated at
1550nm.
The calibration control can be driven from an
external voltage source such as the output of a
digital to analog converter. This would allow
the power monitor to be automatically
calibrated in a systems application.
*A typical InGaAs photodiode may have a
responsivity of 0.9mA/mWatt of optical power
at 1550nm. This would provide an output of
current of 90µA with an input power of 100µW.
The calibration control corrects for variations in
the responsivity of various photo diodes.
PIN = 20(VO -4) dBm
VO
Equation relating optical power
input PIN to output voltage VO.
Example:
VO = 2.750 Volts
PIN = 20(2.750 - 4) = -25 dBm
Figure 1
Optics
1 2 3 4 5
9 8 7 6
10
0.100"
0.650"
0.55"
0.050"
™
™
Page 1


Similar Part No. - DN135

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
DN1 COPAL-DN1 Datasheet
76Kb / 2P
Push Button Control of Digital Potentiometers
logo
LUMEL S.A.
DN1 LUMEL-DN1 Datasheet
819Kb / 3P
NUMERIC DISPLAYS
logo
Hirose Electric
DN10-20P HIROSE-DN10-20P Datasheet
369Kb / 8P
DN SERIES-NEW D SUBMINIATURE INTERFACE CONNECTORS
DN10-20S HIROSE-DN10-20S Datasheet
369Kb / 8P
DN SERIES-NEW D SUBMINIATURE INTERFACE CONNECTORS
DN10-2628PC1 HIROSE-DN10-2628PC1 Datasheet
369Kb / 8P
DN SERIES-NEW D SUBMINIATURE INTERFACE CONNECTORS
More results

Similar Description - DN135

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH2012A SIEMENS-SFH2012A Datasheet
76Kb / 2P
FIBER OPTIC PIN PHOTODIODE
logo
Micropac Industries
61082 MICROPAC-61082 Datasheet
79Kb / 2P
FIBER OPTIC PIN PHOTODIODE
logo
OPTEK Technologies
OPF422 OPTEK-OPF422 Datasheet
276Kb / 2P
Fiber Optic PIN Photodiode
OPF432 OPTEK-OPF432 Datasheet
273Kb / 2P
FIBER OPTIC HIGH SPEED PIN PHOTODIODE
OPF470 OPTEK-OPF470 Datasheet
299Kb / 2P
Fiber Optic PIN Photodiode
OPF471 OPTEK-OPF471 Datasheet
237Kb / 2P
FIBER OPTIC PIN PHOTODIODE
OPF431 OPTEK-OPF431 Datasheet
297Kb / 2P
FIBER OPTIC HIGH SPEED PIN PHOTODIODE
OPF420 OPTEK-OPF420 Datasheet
311Kb / 2P
Fiber Optic PIN Photodiode
logo
Clairex Technologies, I...
CFD470 CLAIREX-CFD470 Datasheet
107Kb / 1P
Fiber Optic PIN Photodiode
logo
Renesas Technology Corp
X9522 RENESAS-X9522 Datasheet
1Mb / 29P
Laser Diode Control for Fiber Optic Modules Triple DCP, Dual Voltage Monitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com