Electronic Components Datasheet Search
  English  ▼

X  

LCW-MTSG Datasheet(PDF) 12 Page - ams-OSRAM AG

Part # LCW-MTSG
Description  Mini TOPLED®
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LCW-MTSG Datasheet(HTML) 12 Page - ams-OSRAM AG

Back Button LCW-MTSG Datasheet HTML 8Page - ams-OSRAM AG LCW-MTSG Datasheet HTML 9Page - ams-OSRAM AG LCW-MTSG Datasheet HTML 10Page - ams-OSRAM AG LCW-MTSG Datasheet HTML 11Page - ams-OSRAM AG LCW-MTSG Datasheet HTML 12Page - ams-OSRAM AG LCW-MTSG Datasheet HTML 13Page - ams-OSRAM AG LCW-MTSG Datasheet HTML 14Page - ams-OSRAM AG LCW-MTSG Datasheet HTML 15Page - ams-OSRAM AG LCW-MTSG Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
LCW MTSG
12 Version 1.2 | 2020-11-02
Max. Permissible Forward Current
I
F = f(T)
LCWMTSG
020406080
100
T [°C]
0
5
10
15
20
25
30
IF [mA]
Do not usebelow 3mA
:Ta
:Ts
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle
10-5 10-4 10-3 0.01 0.11
10
Duty Cycle [s]
0.1
0.2
0.3
IF [A]
: D=1,0
: D=0,5
: D=0,2
: D=0,1
: D=0,05
: D=0,02
: D=0,01
: D=0,005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com