Electronic Components Datasheet Search
  English  ▼

X  

ZAX27A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ZAX27A
Description  MULTI-MODE MAINS MODULE BURST FIRED OR PHASE ANGLE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZAX27A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ZAX27A Datasheet HTML 1Page - List of Unclassifed Manufacturers ZAX27A Datasheet HTML 2Page - List of Unclassifed Manufacturers ZAX27A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MULTI-MODE MAINS MODULE
BURST FIRED OR PHASE ANGLE
ZAX27A
X10646
INSTALLATION
L
N
Connections Shown For Manual Control
1
8
9
13
10
12
ZAX 27A
10K
5K
POT
0V
5V DC
0V
SW1
L
O
A
D
T2
T1
G
MODE SELECTION
SW1 (ON) = Phase Angle
SW1 (OFF) = Burst Fire
HS
FUSE
INTRODUCTION
The ZAX27A provides accurate and precise mains control in both burst fire or phase angle control modes of
operation. This printed circuit board firing circuit is capable of driving an external triac or thyristor pair power
devices for any load rating. Additional features also include an uncommitted op-amp, which may be used as an
error amplifier or comparator for or closed loop (feedback) control,
APPLICATIONS
Virtually all resistance heaters including ovens, electric furnaces, moulders, dryers, smelters, heating tapes,
stress relieving, space heating and heating mantles. This is unsuitable for use on inductive loads.
MAIN FEATURES
Dual mode control capability.
(phase angle OR burst fire)
Soft start delay function
Output overload & temperature protection
Current limit
Microprocessor control compatibility
5KV input and supply isolation
Suitable for slave firing triacs or SCR pairs
WARNING
1. This unit requires fusing. This should be a fast acting semiconductor-type (FF5A) fuse placed in series with the
LIVE (240V input) supply lead.
2. All HAZARDOUS LIVE terminals - isolate supply before commencing any installation work.


Similar Part No. - ZAX27A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
ZAXM-201-KIT-1 CEL-ZAXM-201-KIT-1 Datasheet
1Mb / 19P
APEX LT SERIES TRANSCEIVER MODULES
More results

Similar Description - ZAX27A

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VBH40-05B IXYS-VBH40-05B Datasheet
54Kb / 3P
Module with HiPerFETTM H-Bridge and Single Phase Mains Rectifier Bridge
logo
Skyworks Solutions Inc.
SKY77441 SKYWORKS-SKY77441 Datasheet
67Kb / 2P
Multi-Mode / Multi-Band PA Module
logo
JDS Uniphase Corporatio...
49-3940-4000-B JDSU-49-3940-4000-B Datasheet
278Kb / 5P
Uncooled Multi-Mode Pump Module
logo
TriQuint Semiconductor
TQP9058H TRIQUINT-TQP9058H_15 Datasheet
154Kb / 1P
Multi-Mode / Multi-Band Power Amplifier Module
logo
Littelfuse
MS0690J-DL1TE LITTELFUSE-MS0690J-DL1TE Datasheet
1Mb / 6P
Thyristor AC controller module for mains frequency
logo
TT Electronics.
DS3801 TTELEC-DS3801 Datasheet
277Kb / 1P
Mains Interface Relay Module
logo
Hotchip Technology Co.,...
HT2273 HOTCHIP-HT2273 Datasheet
1Mb / 10P
Burst Mode Control
logo
Schaffner International...
RWK-3062 SCHAFFNER-RWK-3062 Datasheet
1Mb / 6P
3-phase Line Reactor to reduce mains disturbances
logo
Lorlin Electronics Ltd.
MS2000 LORLIN-MS2000 Datasheet
329Kb / 2P
MS2000 MAINS ROTARY SWITCH MODULE
MSL LORLIN-MSL Datasheet
330Kb / 2P
MSL LOCK SWITCH WITH BRACKETED OR SNAP ON MAINS SWITCH MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com