Electronic Components Datasheet Search
  English  ▼

X  

X10213 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # X10213
Description  MULTI-MODE MAINS MODULE BURST FIRED OR PHASE ANGLE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

X10213 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  X10213 Datasheet HTML 1Page - List of Unclassifed Manufacturers X10213 Datasheet HTML 2Page - List of Unclassifed Manufacturers X10213 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ORDER CODE:
State part number: ZAX27A
SPECIFICATIONS
High voltage side
Low voltage side
Mains voltage
230V ac
10% @ 50Hz
Supply voltage
5V
Supply current
30mA (max.)
Supply current
30mA (max.)
Max. RMS Load current
5A (max.).
Control input range
0 to 1V or 0 to 5V
Load power range
10W (min.); 1KW (max.)
Inhibit high logic
>4V
Over temp. shut down
90ºC
Inhibit low logic
<3V
Over temp. reset
60ºC
Supply voltage rejection
0.5%/V
Isolation Classification
Class II
Temperature coefficient
0.25%/ºC
Max. Cable entry
2.5mm
2
Operating temperature
0 to +65ºC
Dimensions
Overall (Max.)
21mm (H), excluding leads x 33mm (W) x 33mm (D)
FUSING:
A semiconductor (fast acting) type fuse is supplied as standard for unit protection. On initial switch on some
loads may need an increased Factor of Safety (F of S) for unit and/or device protection. For spares or
replacements contact our sales desk.
CE MARKING
This product family carries a CE marking . These phase angle controllers need a suitable remote filter. For
information see recommendation section and contact our sales desk.
RECOMMENDATIONS AND SAFETY GUIDELINES
Other documents available on request, which may be appropriate for your applications.
CODE
IDENTITY
DESCRIPTION
X20008
ZAX27A
Multi-mode mains module
Instruction manual
X10229
RFI
Filtering recommendation - addressing EMC Directive
X10213
ITA
Interaction, uses for phase angle and for burst fire control.
X10255
SRA
Safety requirements - addressing the Low Voltage Directive
including :- Thermal data/cooling ; Live parts warning & Earth
requirements; Fusing recommendations.
AP02/4
COS
UAL Conditions of sale
NOTE It is recommended that installation and maintenance of this equipment should be done with
reference to the current edition of the I.E.E. wiring regulations (BS7671) by suitably qualified / trained
personnel. The regulations contain important requirements regarding safety of electrical equipment.
(For International standards refer to I.E.C. directive IEC950).
UNITED AUTOMATION LIMITED
1Southport Business Park
Tel: 0044 (0) 1704
516500 Main
Kew
Tel: 0044 (0) 1704
516516 Sales
Southport, PR8 4HQ
Fax: 0044 (0) 1704
516501
ENGLAND
Enquiry@united-automation.com
www.united-automation.com
Page No. 2 of 2
Issue 2
31/03/05



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com