Electronic Components Datasheet Search
  English  ▼

X  

5633/86 Datasheet(PDF) 1 Page - Hylec-APL Ltd. All rights reserved.

Part # 5633/86
Description  Minature Paguro gel connector junction box grey, 2 cable entry 8-10mm with 3 pole terminal block
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYLEC [Hylec-APL Ltd. All rights reserved.]
Direct Link  https://www.hylec-apl.com/
Logo HYLEC - Hylec-APL Ltd. All rights reserved.

5633/86 Datasheet(HTML) 1 Page - Hylec-APL Ltd. All rights reserved.

  5633/86 Datasheet HTML 1Page - Hylec-APL Ltd. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5633//////86
Minature Paguro gel connector junction box grey, 2 cable entry 8-10mm with 3 pole terminal block
SPECIFICATION
Cable Entries
2
Number of Poles
3
Terminal Type
Screw - wp
Body Material
Nylon PA66-RV
Colour
Grey
IP Rating
68
Max Conductor Size (Sq mm)
2.5
Max Current (A)
16
Max Voltage (V)
250
Minimum Temp Rating °C
-30
Maximum Temp Rating °C
130
Minimum Cable Diameter (mm)
8
Maximum Cable Diameter (mm)
10
Depth (mm)
(c) 29.5
Fixing System
Cable
Gel Material
Sealing bi-component syliconic gel
Length (mm)
(A) 38
Width (mm)
(B) 42.5
DISTRIBUTORS
Tel: 01933 234400
Fax: 01933 234411
Email: sales@hylec-apl.com
Web: www.hylec-apl.com


Similar Part No. - 5633/86

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
5633 ADAFRUIT-5633 Datasheet
185Kb / 2P
QSPI DIP BREAKOUT BOARD - W25Q64 - 64 MBIT 8 MBYTE - W25Q64JVSSIQ
logo
Elma Electronic Ltd
5633012T00REDBNNE ELMA-5633012T00REDBNNE Datasheet
969Kb / 2P
SINGLE SLOT 6U VPX BOARD
5633012T00REDBNNO ELMA-5633012T00REDBNNO Datasheet
969Kb / 2P
SINGLE SLOT 6U VPX BOARD
5633012T00REDBNNS ELMA-5633012T00REDBNNS Datasheet
969Kb / 2P
SINGLE SLOT 6U VPX BOARD
5633012T00REDBNYE ELMA-5633012T00REDBNYE Datasheet
969Kb / 2P
SINGLE SLOT 6U VPX BOARD
More results

Similar Description - 5633/86

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC372 PICKER-PC372 Datasheet
167Kb / 2P
10 Amp Minature 2 Pole PCB Power Relay
logo
List of Unclassifed Man...
NL4FX ETC2-NL4FX Datasheet
42Kb / 2P
4 pole cable connector with chuck and dark grey bushing.
logo
PHOENIX CONTACT
1712083 PHOENIX-1712083 Datasheet
75Kb / 5P
PCB terminal block - MKDSF 3/ 8
1712928 PHOENIX-1712928 Datasheet
55Kb / 4P
PCB terminal block - MKDS 3/ 3 (2)
1713066 PHOENIX-1713066 Datasheet
77Kb / 5P
PCB terminal block - SMKDS 3/ 8
logo
WAGO Kontakttechnik Gmb...
757-383 WAGO-757-383 Datasheet
184Kb / 5P
M8 sensor/actuator box; 8-way; 3-pole; M16 connector
757-483-000-010 WAGO-757-483-000-010 Datasheet
218Kb / 5P
M8 sensor/actuator box; 8-way; 3-pole; 10m connecting cable
757-483-000-005 WAGO-757-483-000-005 Datasheet
218Kb / 5P
M8 sensor/actuator box; 8-way; 3-pole; 5m connecting cable
logo
Amphenol Wilcoxon Sensi...
CB WILCOXON-CB Datasheet
351Kb / 1P
Cable termination junction box
Rev.E.1 09/18
logo
CamdenBoss Ltd.
CJB CAMDENBOSS-CJB Datasheet
206Kb / 1P
89 Series Terminal Block Junction Box Enclosure
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com