Electronic Components Datasheet Search
  English  ▼

X  

DLD22-XY Datasheet(PDF) 4 Page - Hylec-APL Ltd. All rights reserved.

Part # DLD22-XY
Description  Control Stations & Enclosures
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYLEC [Hylec-APL Ltd. All rights reserved.]
Direct Link  https://www.hylec-apl.com/
Logo HYLEC - Hylec-APL Ltd. All rights reserved.

DLD22-XY Datasheet(HTML) 4 Page - Hylec-APL Ltd. All rights reserved.

  DLD22-XY Datasheet HTML 1Page - Hylec-APL Ltd. All rights reserved. DLD22-XY Datasheet HTML 2Page - Hylec-APL Ltd. All rights reserved. DLD22-XY Datasheet HTML 3Page - Hylec-APL Ltd. All rights reserved. DLD22-XY Datasheet HTML 4Page - Hylec-APL Ltd. All rights reserved. DLD22-XY Datasheet HTML 5Page - Hylec-APL Ltd. All rights reserved. DLD22-XY Datasheet HTML 6Page - Hylec-APL Ltd. All rights reserved. DLD22-XY Datasheet HTML 7Page - Hylec-APL Ltd. All rights reserved. DLD22-XY Datasheet HTML 8Page - Hylec-APL Ltd. All rights reserved. DLD22-XY Datasheet HTML 9Page - Hylec-APL Ltd. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
6
MAKING THE RIGHT CONNECTIONS
T: +44 (0)1933 234400 F: +44 (0)1933 234411 E: sales@hylec-apl.com W: www.hylec-apl.com
7
Control Stations & Enclosures
Control Stations
Features:
• Insulation resistance - >100MOhm @ 500VDC
• Enclosures sealed upto IP66
• Unique snap on Din Rail and Flange brackets
• Dust & waterproof for short-term submersion
• 4 sizes avaliable! Accepting 1-4 push
button switches
• 2 contact blocks fitted as standard
• Different voltage ratings are availiable
• Contact material - Silver Bifurcated and serrated
• Operating Temperature -10 to +65degC
• Contact rating - AC12 Resistive / AC15
Electromagnetic - 240V (3A) / 415V (1.5A)
• Mechanical life - 1 million operations
Single Control Stations
2 Switch Control Stations
Accessories
Product
Code
IP
Rating
Colour
(Cover / Base)
Material
H
(mm)
W
(mm)
D
(mm)
Description
1DE.01.01AG IP56
Yellow / Grey
ABS-UL94-HB
80
73 53*
Emergency Stop’ EN418 fail safe, twist to release
1DE.01.01AB
IP56
Yellow / Black
ABS-UL94-HB
80
73 53*
Emergency Stop’ EN418 fail safe, twist to release
1DE.01.03AG IP56
Yellow / Grey
ABS-UL94-HB
80
73 53*
Emergency Stop' EN418 fail safe, key release
1DE.01.03AB
IP56
Yellow / Black
ABS-UL94-HB
80
73 53*
Emergency Stop' EN418 fail safe, key release
75.024 mm
IP66
Grey / Black
ABS-UL94-HB
80
73 53*
Single 'Stop' push button, Red actuator
1DE.01.04AG IP66
Grey / Grey
ABS-UL94-HB
80
73 53*
Single 'Stop' push button, Red actuator
1DE.01.06AB
IP66
Grey / Black
ABS-UL94-HB
80
73 53*
Single 'Start' push button, Green actuator
1DE.01.06AG IP66
Grey / Grey
ABS-UL94-HB
80
73 53*
Single 'Start' push button, Green actuator
1DE.01.08AB
IP56
Grey / Black
ABS-UL94-HB
80
73 53*
2-Position Selector Switch
1DE.01.08AG IP56
Grey / Grey
ABS-UL94-HB
80
73 53*
2-Position Selector Switch
1DE.01.09AB
IP56
Grey / Black
ABS-UL94-HB
80
73 53*
2-Position Key Switch
1DE.01.09AG IP56
Grey / Grey
ABS-UL94-HB
80
73 53*
2-Position Key Switch
1DE.01.10AB
IP56
Grey / Black
ABS-UL94-HB
80
73 53*
Double push button - Stop / Start (O/I)
1DE.01.10AG IP56
Grey / Grey
ABS-UL94-HB
80
73 53*
Double push button - Stop / Start (O/I)
1DE.SP.21NR
IP66
Grey / Black
ABS-UL94-HB
85
85 102**
Palm / Foot push button Red button
1DE.SP.21NG
IP66
Grey / Black
ABS-UL94-HB
85
85 102**
Palm / Foot push button Green button
1DE.SP.21NB
IP66
Grey / Black
ABS-UL94-HB
85
85 102**
Palm / Foot push button Black button
Emergency Stop
Emergency Stop & 1 Push Button
Cable Glands
Mounting Brackets
Miscellaneous
Emergency Stop Key
Emergency Stop & 2 Push Buttons
Push Button
2 & 3 Push Buttons
Selector / Key Switch
Double Push Button
Palm / Foot Switch
*Enclosure dimensions **Including Actuator
1DE.02.01AG IP56
Grey / Grey
ABS-UL94-HB
80 106 53
Emergency Stop' EN418 fail safe, twist to release. Single 'Start' push
button, Green actuator.
1DE.02.01AB
IP56
Grey / Black
ABS-UL94-HB
80 106 53
Emergency Stop' EN418 fail safe, twist to release. Single 'Start' push
button, Green actuator.
Product
Code
IP
Rating
Colour
(Cover / Base)
Material
H
(mm)
W
(mm)
D
(mm)
Description
1DE.03.01AG IP56
Grey / Grey
ABS-UL94-HB
80 139 53
Emergency Stop' EN418 fail safe, twist to release. Double 'Up /
Down' push buttons, Green actuators.
1DE.03.01AB
IP56
Grey / Black
ABS-UL94-HB
80 139 53
Emergency Stop' EN418 fail safe, twist to release. Double 'Up /
Down' push buttons, Green actuators.
1DE.02.02AG IP66
Grey / Grey
ABS-UL94-HB
80 106 53
Double push button - 'Start' push button, Green actuator & 'Stop'
push button, Red actuator.
1DE.02.02AB
IP66
Grey / Black
ABS-UL94-HB
80 106 53
Double push button - 'Start' push button, Green actuator & 'Stop'
push button, Red actuator.
1DE.03.02AG IP66
Grey / Grey
ABS-UL94-HB
80 106 53
Double push button - 'FWD / REV' push buttons, Green actuators &
'Stop' push button, Red actuator.
1DE.03.02AB
IP66
Grey / Black
ABS-UL94-HB
80 106 53
Double push button - 'FWD / REV' push buttons, Green actuators &
'Stop' push button, Red actuator.
DECGG
IP68
Grey
Polyamide 6
29.2 10 N/A
Grey Cable Gland POLY6 IP68, Fits All Sizes Of Enclosures, M20 X
1.5mm Thread Glands
DECGB
IP68
Black
Polyamide 6
29.2 10 N/A
Black Cable Gland POLY6 IP68, Fits All Sizes Of Enclosures, M20 X
1.5mm Thread Glands
DEDB
N/A
Black
PA66 UL94-V0
Flame Retardant
N/A N/A N/A
Snap-On Combi Foot DIN Rail Mounting Bracket In Black PA66 Fits
DE01-DE06
DEDG
N/A
Grey
PA66 UL94-V0
Flame Retardant
N/A N/A N/A
Snap-On Combi Foot DIN Rail Mounting Bracket In Grey PA66 Fits
DE01-DE06
DEFB
N/A
Black
PA66 UL94-V0
Flame Retardant
N/A N/A N/A
Snap-On Mounting Bracket In Black PA66 Fits DE01-DE06 2X M3
Fixing Holes
DEFG
N/A
Grey
PA66 UL94-V0
Flame Retardant
N/A N/A N/A
Snap-On Mounting Bracket In Grey PA66 Fits DE01-DE06 2X M3
Fixing Holes
DB22-H06L
IP65
Transparent
Polycarbonate
N/A N/A N/A
Transparent padlock cover
DPB22-D06
N/A
Transparent
Rubber
N/A N/A N/A
Transparent rubber boot for rectangular switch
DPPB-P06
N/A
Transparent
Rubber
N/A N/A N/A
Rubber cap for round push button
DPPB-02T
N/A
Grey
N/A N/A N/A
Fixing Nut Tool
DM0Y-O1
N/A
Yellow
N/A N/A N/A
Yellow Shroud with hole
DM01-OW
N/A
White
N/A N/A N/A
White Shroud with hole
Registered Design
H
W
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com