Electronic Components Datasheet Search
  English  ▼

X  

D40P Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D40P
Description  Hall Effect Coded Magnet Non-contact Safety Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D40P Datasheet(HTML) 2 Page - Omron Electronics LLC

  D40P Datasheet HTML 1Page - Omron Electronics LLC D40P Datasheet HTML 2Page - Omron Electronics LLC D40P Datasheet HTML 3Page - Omron Electronics LLC D40P Datasheet HTML 4Page - Omron Electronics LLC D40P Datasheet HTML 5Page - Omron Electronics LLC D40P Datasheet HTML 6Page - Omron Electronics LLC D40P Datasheet HTML 7Page - Omron Electronics LLC D40P Datasheet HTML 8Page - Omron Electronics LLC D40P Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Polyester Housing
Type
Cable Connection
Contact Configuration
Model
2NC/1NO
Small Sensors
Miniature Sensors
(cable exit right shown)
Barrel Sensors
Stainless Steel Housing (Through hole mounting suitable for food splash zones)
Type
Cable Connection
Contact Configuration
Model
Elongated Sensors
2NC/1NO
Small Sensors
Barrel Sensors
Hygienic (Through M4 mounting holes, suitable for food contact zones)
Type
Cable Connection
Contact Configuration
Model
Small Sensors
2NC/1NO
Miniature Sensors
(cable exit right shown)
Ordering Information
D40P
Supplied with screw cap covers to
prevent contamination from food deposits
D40P-LPC-21-05
D40P-LPC-21-10
D40P-LPC-21-M12
D40P-SPC-21-05
D40P-SPC-21-10
D40P-SPC-21-M12
D40P-MPC-21-05-L
D40P-MPC-21-10-L
D40P-MPC-21-M12-L
D40P-MPC-21-05-R
D40P-MPC-21-10-R
D40P-MPC-21-M12-R
D40P-BPC-21-05
D40P-BPC-21-10
D40P-BPC-21-M12
D40P-LMC-21-05
D40P-LMC-21-10
D40P-LMC-21-M12
D40P-SMC-21-05
D40P-SMC-21-10
D40P-SMC-21-M12
D40P-BMC-21-05
D40P-BMC-21-10
D40P-BMC-21-M12
Special Food Type (Rear M4 mounting holes, suitable for food contact zones)
Type
Cable Connection
Contact Configuration
Model
Elongated Sensors
5 m pre-wired
10 m pre-wired
M12, 8 pin, fitted with 250 mm cable
5 m pre-wired
10 m pre-wired
M12, 8 pin, fitted with 250 mm cable
5 m pre-wired cable, exit left
10 m pre-wired cable, exit left
M12, 8 pin, fitted with 250 mm cable, exit left
5 m pre-wired cable, exit right
10 m pre-wired cable, exit right
M12, 8 pin, fitted with 250 mm cable, exit right
5 m pre-wired
10 m pre-wired
M12, 8 pin, fitted with 250 mm cable
5 m pre-wired
10 m pre-wired
M12, 8 pin, fitted with 250 mm cable
5 m pre-wired
10 m pre-wired
M12, 8 pin, fitted with 250 mm cable
5 m pre-wired
10 m pre-wired
M12, 8 pin, fitted with 250 mm cable
5 m pre-wired
10 m pre-wired
M12, 8 pin, fitted with 250 mm cable
5 m pre-wired cable, exit left
10 m pre-wired cable, exit left
M12, 8 pin, fitted with 250 mm cable, exit left
5 m pre-wired cable, exit right
10 m pre-wired cable, exit right
M12, 8 pin, fitted with 250 mm cable, exit right
D40P-SHC-21-05
D40P-SHC-21-10
D40P-SHC-21-M12
D40P-MHC-21-05-L
D40P-MHC-21-10-L
D40P-MHC-21-M12-L
D40P-MHC-21-05-R
D40P-MHC-21-10-R
D40P-MHC-21-M12-R
Small Sensors
5 m pre-wired
10 m pre-wired
M12, 8 pin, fitted with 250 mm cable
D40P-SFC-21-05
D40P-SFC-21-10
D40P-SFC-21-M12
2NC/1NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com