Electronic Components Datasheet Search
  English  ▼

X  

E3X-NH51. Datasheet(PDF) 33 Page - Omron Electronics LLC

Part # E3X-NH51.
Description  Fine Tuning Fiber Photoelectric Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X-NH51. Datasheet(HTML) 33 Page - Omron Electronics LLC

Back Button E3X-NH51. Datasheet HTML 29Page - Omron Electronics LLC E3X-NH51. Datasheet HTML 30Page - Omron Electronics LLC E3X-NH51. Datasheet HTML 31Page - Omron Electronics LLC E3X-NH51. Datasheet HTML 32Page - Omron Electronics LLC E3X-NH51. Datasheet HTML 33Page - Omron Electronics LLC E3X-NH51. Datasheet HTML 34Page - Omron Electronics LLC E3X-NH51. Datasheet HTML 35Page - Omron Electronics LLC E3X-NH51. Datasheet HTML 36Page - Omron Electronics LLC E3X-NH51. Datasheet HTML 37Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
E3X-NH
E3X-NH
33
Attachments
E39-F1
Long-distance Lens Unit
E39-F3
Lens-equipped Reflective Unit
Note:
One set includes two units.
E39-F2
Side-view Unit
E39-F5
Side-view Reflective Unit
E39-F3A
Small Spot Lens Unit
4 dia.
M2.6
Effective depth: 3.2
Spot facing depth: 0.9
2.8 dia.
M2 x 2
4 dia.
6 dia.
Lens (3.7 dia.)
2.1 dia.
Note:
When mounting, remove all of the accompanying
screws first and then screw the E32-TC200A into
the E39-F5 until the stopper comes into contact.
Note:
One set includes two units.
4 dia.
M2.6 x 0.45
Effective depth: 3.8
Spot facing depth: 0.9
Sensing hole
Two, 3.2 dia.
Two, M3
Fiber Unit mounting
holes (E32-TC200A)
Two, 3.2 dia.
Mounting hole
Two, 4 dia.
M3 toothed
washers
Two,
3.2 dia.
M3 x 6 Angle
fixing screw
Two, M3 x 3 Slotted
head machine screw
E39-F1
Lens
Unit
Installation
Connection
Connection with S3D2 Sensor Controller
Note:
A maximum of two E3X-NH Sensors can be connected.
+12 V
0 V
Blue
Black
Brown
IN1
Power supply voltage
Output
Functions
Model
100 to 240 VAC
Relay
AND, OR
S3D2-AK
AND, OR, and timer
S3D2-CK
Flip-flop
S3D2-BK
Transistor
AND, OR, and timer
S3D2-CC
Relay
2 inputs, 2 outputs,
S3D2-DK
2 inputs, 2 outputs, and timer
S3D2-EK
24 VDC
AND, OR
S3D2-AKD
AND, OR, and timer
S3D2-CKD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com