Electronic Components Datasheet Search
  English  ▼

X  

FQ2-CLR Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # FQ2-CLR
Description  Vision colour sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FQ2-CLR Datasheet(HTML) 2 Page - Omron Electronics LLC

  FQ2-CLR Datasheet HTML 1Page - Omron Electronics LLC FQ2-CLR Datasheet HTML 2Page - Omron Electronics LLC FQ2-CLR Datasheet HTML 3Page - Omron Electronics LLC FQ2-CLR Datasheet HTML 4Page - Omron Electronics LLC FQ2-CLR Datasheet HTML 5Page - Omron Electronics LLC FQ2-CLR Datasheet HTML 6Page - Omron Electronics LLC FQ2-CLR Datasheet HTML 7Page - Omron Electronics LLC FQ2-CLR Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FQ2-CLR
2
System Configuration
Standard Configuration
Multiple Connection
Note: If you register as a member after purchasing a Sensor, you can download free setup software that runs on a PC and can be used in place of the Touch Finder.
Refer to the member registration sheet for details.
Ordering information for separate components
Sensor
Touch Finder
*1. AC Adapter and Battery are sold separately.
Cables (Robot cable)
Industrial Switching Hubs (Recommended)
Accessories
*1. AC Adapters for Touch Finder with DC/AC/Battery Power Supply. Select the
model for the country in which the Touch Finder will be used.
FL-STC
Lighting
Controller
FL-series
External
Lighting
I/O
Cable
FQ-WD
FQ
Ethernet
Cable
FQ-WN
Touch Finder
FQ2-D
or PC Tool
DC24V
DC24V
Sensor control PLC
I/O control PLC
Trigger
sensor
Sensor
FQ2
Up to 32 Sensors can be connected.
Switching Hub
FQ Ethernet Cables
Touch Finder
Standard RJ45
Ethernet Cables
Connect the trigger sensor, PLC, and
power supply to each sensor
Type
Standard
Single-function models
Standard models
NPN
FQ2-S10050F
FQ2-S20050F
PNP
FQ2-S15050F
FQ2-S25050F
Note: Tolerance (field of vision): ±10% max.
Type
Order code
DC power supply
FQ2-D30
AC/DC/battery
FQ2-D31*1
Type
Cable
length
Order code
FQ Ethernet Cables
(connect Sensor to Touch Finder,
Sensor to PC)
2 m
FQ-WN002-E
5 m
FQ-WN005-E
10 m
FQ-WN010-E
I/O Cables
2 m
FQ-WD002-E
5 m
FQ-WD005-E
10 m
FQ-WD010-E
Appear-
ance
Num-
ber of
ports
Failure
detection
Current
consump-
tion
Order code
3None
0.08 A
W4S1-03B
5
None
0.12 A
W4S1-05B
Supported
W4S1-05C
0
Field of vision
56
215
to
13
53
8.2
33
Applica-
tion
Appear-
ance
Name
Order code
For
Sensor
Mounting Bracket
(enclosed with Sensor)
FQ-XL
Polarizing Filter
Attachment
(enclosed with Sensor)
FQ-XF1
For
Touch
Finder
Panel Mounting
Adapter
FQ-XPM
AC Adapter
(for models for DC/AC/
Battery)
FQ-AC
@*1
Battery
(for models for DC/AC/
Battery)
FQ-BAT1
Touch Pen
(enclosed with Touch
Finder)
FQ-XT
Strap
FQ-XH
Plug type
Voltage
Certified standards
Order code
A
125 V max.
PSE
FQ-AC1
UL/CSA
FQ-AC2
250 V max.
CCC mark.
FQ-AC3
C
250 V max.
---
FQ-AC4
BF
250 V max.
---
FQ-AC5
O
250 V max.
---
FQ-AC6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com