Electronic Components Datasheet Search
  English  ▼

X  

E5AC Datasheet(PDF) 55 Page - Omron Electronics LLC

Part # E5AC
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5AC Datasheet(HTML) 55 Page - Omron Electronics LLC

Back Button E5AC Datasheet HTML 51Page - Omron Electronics LLC E5AC Datasheet HTML 52Page - Omron Electronics LLC E5AC Datasheet HTML 53Page - Omron Electronics LLC E5AC Datasheet HTML 54Page - Omron Electronics LLC E5AC Datasheet HTML 55Page - Omron Electronics LLC E5AC Datasheet HTML 56Page - Omron Electronics LLC E5AC Datasheet HTML 57Page - Omron Electronics LLC E5AC Datasheet HTML 58Page - Omron Electronics LLC E5AC Datasheet HTML 59Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 138 page
background image
E5EC/E5EC-B/E5AC
55
Accessories (Order Separately)
(2110)
250
263
1510
USB connector
(type A plug)
Serial connector
LED (SD)
LED (PWR)
LED (RD)
USB-Serial Conversion Cable
E58-CIFQ2
Connecting to the E58-CIFQ2 USB-Serial Conversion Cable
Conversion Cable
(1510)
250
(2110)
E58-CIFQ2 (Order Separately)
Conversion Cable
263
1510
Note: Always use this product together with the E58-CIFQ2.
Conversion Cable
E58-CIFQ2-E
10
91
2
3.8
Terminal Covers
E53-COV24 (Three Covers provided.)
Waterproof Packing
Y92S-P9 (for DIN 48
× 96)
The Waterproof Packing is provided with the Temperature
Controller.
Order the Waterproof Packing separately if it becomes lost or
damaged.
The degree of protection when the Waterproof Packing is used
is IP66.
Also, keep the Port Cover on the front-panel Setup Tool port
of the E5EC/E5EC-B/E5AC securely closed.
To maintain an IP66 degree of protection, the Waterproof
Packing and the Port Cover for the front-panel Setup Tool port
must be periodically replaced because they may deteriorate,
shrink, or harden depending on the operating environment.
The replacement period will vary with the operating
environment.
Check the required period in the actual application.
Use 3 years or sooner as a guideline.
Y92S-P10 (for DIN 96
× 96)
Setup Tool Port Cover for top panel
Y92S-P7
Mounting Adapter
Y92F-51 (Two Adapters provided.)
Order this Port Cover
separately if the Port Cover on
the front-panel Setup Tool port
is lost or damaged. The
Waterproof Packing must be
periodically replaced because
it may deteriorate, shrink, or
harden depending on the
operating environment.
One pair is provided with the
Controller.
Order the Mounting Adapter
separately if it becomes lost
or damaged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com