Electronic Components Datasheet Search
  English  ▼

X  

F39-JD1B Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # F39-JD1B
Description  Safety Light Curtains
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-JD1B Datasheet(HTML) 4 Page - Omron Electronics LLC

  F39-JD1B Datasheet HTML 1Page - Omron Electronics LLC F39-JD1B Datasheet HTML 2Page - Omron Electronics LLC F39-JD1B Datasheet HTML 3Page - Omron Electronics LLC F39-JD1B Datasheet HTML 4Page - Omron Electronics LLC F39-JD1B Datasheet HTML 5Page - Omron Electronics LLC F39-JD1B Datasheet HTML 6Page - Omron Electronics LLC F39-JD1B Datasheet HTML 7Page - Omron Electronics LLC F39-JD1B Datasheet HTML 8Page - Omron Electronics LLC F39-JD1B Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
D-30
www.sti.com/info
D
Wiring
Basic Wiring Diagram
Wiring when using manual reset mode, external device monitoring
F3SJ-B Safety Light Curtains
KM1
KM2
S1
S2
S1
S2
KM1, KM2
K1
: External test switch (connect to 0 V if a switch is not required)
: Interlock/lockout reset switch
: Safety relay with force-guided contact (G7SA) or magnetic contactor
: Load or PLC, etc. (for monitoring)
K1
KM1
KM2
F39-JD
@A-L
F39-JD
@A-D
+24 VDC
0 V
Power
supply
(Gray) Communication line (+)
(Pink)
Communication line (−)
Wiring for auto reset mode and deactivated external device monitoring
S1
S2
KM1, KM2
K1
: External test switch (connect to 0 V if a switch is not required)
: Lockout reset switch
: Safety relay with force-guided contact (G7SA) or magnetic contactor
: Load or PLC, etc. (for monitoring)
S1
S2
K1
KM1
KM2
F39-JD
@A-L
F39-JD
@A-D
+24 VDC
0 V
Power
supply
(Gray) Communication line (+)
(Pink)
Communication line (−)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com