Electronic Components Datasheet Search
  English  ▼

X  

FZ-SF Datasheet(PDF) 43 Page - Omron Electronics LLC

Part # FZ-SF
Description  AI-based defect detection that exceeds the ability of expert inspectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FZ-SF Datasheet(HTML) 43 Page - Omron Electronics LLC

Back Button FZ-SF Datasheet HTML 39Page - Omron Electronics LLC FZ-SF Datasheet HTML 40Page - Omron Electronics LLC FZ-SF Datasheet HTML 41Page - Omron Electronics LLC FZ-SF Datasheet HTML 42Page - Omron Electronics LLC FZ-SF Datasheet HTML 43Page - Omron Electronics LLC FZ-SF Datasheet HTML 44Page - Omron Electronics LLC FZ-SF Datasheet HTML 45Page - Omron Electronics LLC FZ-SF Datasheet HTML 46Page - Omron Electronics LLC FZ-SF Datasheet HTML 47Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
FH-Series
43
FZ-S
FZ-SC
300,000-pixel camera
2 million-pixel camera
FZ-S2M
FZ-SC2M
Digital CCD/CMOS Cameras
Three, M2 mounting
holes with a depth
of 3.0 mm
Three, M2 mounting
holes with a depth of
3.0mm (both sides)
Two, M4 mounting
holes with a depth
of 5.5 mm
1/4” 20UNC with a
depth of 5.5 mm
10.5
40
(7.3)
14.5 22
5.5
33.5
10.5
9.5 9.5
28
24
14.5 22
(5.4)
1"-32UN-2A (C mount)
10.5
14.5 29
46.5
(7.3)
10.5
9.5
9.5
5.5
40.5
14.5
29
28
24
1"-32UN-2A
(C MOUNT)
Three, M2 mounting
holes with a depth
of 3.0 mm
Three, M2 mounting
holes with a depth of
3.0mm (both sides)
Two, M4 mounting
holes with a depth
of 5.5 mm
1/4" 20UNC with
a depth of 5.5 mm
(5.4)
8
17
16.9
34
26
3 dia.
Four-4.3 dia.
13.5
3
9.2
(From ccd surface)
3.4
12.5 dia.
16 pin round connector
Two-4.3 dia.
FZ-SF
FZ-SFC
Flat camera
Camera head
Small digital CCD cameras
Can be used for both flat cameras and pen-shaped cameras
FZ-SP
FZ-SPC
Pen-shaped camera
Camera amplifier
9.2
(From ccd surface)
Four, M1.7 mounting holes
with a depth of 1.5 mm
Eight, M1.7 mounting holes
with a depth of 1.5 mm
Two, M3 mounting holes
with a depth of 4 mm
9.5
16
44
12.7
7.5
20
9.6
33
11.5
3000
43
16
12
16 pin round
connector
11
1/4” 20UNC with a depth of 5.5 mm
22
(43.8)
28
24
36.5
(6.5)
5.4
(8.8 dia.)
11
7
7 9.5 9.5
2
33.5
22
Three, M2 mounting holes
with a depth of 3.0 mm
Two, M4 mounting holes
with a depth of 5.5 mm
Three, M2 mounting holes
with a depth of 3.0 mm
FZ-SQ010F
FZ-SQ050F
Narrow view / Standard
Intelligent Compact Digital CMOS Cameras
FZ-SQ100F (long-distance)
FZ-SQ100N (short-distance)
Wide View
*1. The mounting brackets can be
connected to either side.
*1. The mounting brackets can be
connected to either side.
(57)
11
38
44
Mounting Bracket *1
1/4-20UNC Depth: 6
Four, M4 Depth: 6
46
Optical
axis
8
Polarizing
Filter Attachment
20
38
42
20±0.1
Two, 4.5 dia.
Mounting Hole Dimensions
Tightening torque: 1.2 N·m
(49)
338
44
Mounting Bracket *1
1/4-20UNC Depth: 6
Four, M4 Depth: 6
46
Optical
axis
8
Polarizing
Filter Attachment
20
38
42
20±0.1
Two, 4.5 dia.
Mounting Hole Dimensions
Tightening torque: 1.2 N·m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com