Electronic Components Datasheet Search
  English  ▼

X  

FZ-SP Datasheet(PDF) 35 Page - Omron Electronics LLC

Part # FZ-SP
Description  AI-based defect detection that exceeds the ability of expert inspectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FZ-SP Datasheet(HTML) 35 Page - Omron Electronics LLC

Back Button FZ-SP Datasheet HTML 31Page - Omron Electronics LLC FZ-SP Datasheet HTML 32Page - Omron Electronics LLC FZ-SP Datasheet HTML 33Page - Omron Electronics LLC FZ-SP Datasheet HTML 34Page - Omron Electronics LLC FZ-SP Datasheet HTML 35Page - Omron Electronics LLC FZ-SP Datasheet HTML 36Page - Omron Electronics LLC FZ-SP Datasheet HTML 37Page - Omron Electronics LLC FZ-SP Datasheet HTML 38Page - Omron Electronics LLC FZ-SP Datasheet HTML 39Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
FH-Series
35
Ratings and Specifications (Cable, Monitor)
Camera Cables
Cable Extension Unit
*1 A 12-VDC power supply must be provided to the Cable Extension
Unit when connecting the Intelligent Compact Camera, or the
Lighting Controller.
*2 The current consumption shows when connecting the Cable
Extension Unit to an external power supply.
Long-distance Camera Cables
Encoder Cable
Touch Panel Monitor
Note: FH Series Sensor Controllers version 5.32 or higher is required.
Monitor Cables
Model
FZ-VS3
(5 m)
FZ-
VSB3
(5 m)
FZ-
VSBX
(5 m)
FZ-
VSL3
(5 m)
FZ-
VSLB3
(5 m)
Type
Stan-
dard
Bend
resistant
Super-
bend-
resistant
Right-
angle
Bend
resistant
Right-angle
Shock resistiveness
(durability)
10 to 150 Hz single amplitude 0.15 mm
3 directions, 8 strokes, 4 times
Ambient
temperature range
Operation and storage: 0 to 65
°C
(with no icing or condensation)
Ambient humidity range Operation and storage: 40 to 70%RH
(with no condensation)
Ambient atmosphere
No corrosive gases
Material
Cable sheath, connector: PVC
Minimum bending radius 69mm
69mm
69mm
69mm
69mm
Weight
Approx.
390 g
Approx.
430 g
Approx.
460 g
Approx.
390 g
Approx.
430 g
Model
FZ-VSJ
Power supply voltage *1 11.5 to 13.5 VDC
Current consumption *2 1.5 A max.
Ambient
temperature range
Operating: 0 to 50
°C; Storage: -25 to 65 °C
(with no icing or condensation)
Ambient
humidity range
Operating and storage: 35 to 85%
(with no condensation)
Weight
Approx. 240 g
Accessories
Instruction Sheet and 4 mounting screws
Model
FZ-VS4 (15 m)
FZ-VSL4 (15 m)
Type
Standard
Right-angle
Shock resistiveness
(durability)
10 to 150 Hz single amplitude 0.15 mm
3 directions, 8 strokes, 4 times
Ambient
temperature range
Operation and storage: 0 to 65
°C
(with no icing or condensation)
Ambient humidity range
Operation and storage: 40 to 70%RH
(with no condensation)
Ambient atmosphere
No corrosive gases
Material
Cable sheath, connector: PVC
Minimum bending radius 78 mm
Weight
Approx. 1400 g
Model
FH-VR
Vibration
resistiveness
10 to 150 Hz single amplitude 0.1 mm
3 directions, 8 strokes, 10 times
Ambient
temperature range
Operation: 0 to 50
°C; Storage: -10 to 60 °C
(with no icing or condensation)
Ambient
humidity range
Operation and storage: 35 to 85%RH
(with no condensation)
Ambient atmosphere
No corrosive gases
Material
Cable Jacket: Heat, oil and flame resistant PVC
Connector: polycarbonate resin
Minimum bending radius
65 mm
Weight
Approx. 104 g
Model
FH-MT12
Major Function
Display area
12.1 inch
Resolution
1024 (V)
× 768 (H)
Number of color
16,700,000 colors (8 bit/color)
Brightness
500cd/m 2 (Typ)
Contrast Ratio
600:1 (Typ)
Viewing angle
Left and right: each 80
°, upward: 80°, downward: 60°
Backlight Unit
LED, edge-light
Backlight lifetime
About 100,000hour
Touch panel
4wire resistive touch screen
External interface
Video input
analog RGB
Touch panel signal
USB
RS-232C
Ratings
Power supply voltage
24 VDC (21.6 to 26.4 VDC)
Current consumption
0.5A
Insulation resistance
Between DC power supply and Touch Panel Monitor FG: 20 M
Ω or higher (rated volt-
age 250 V)
Operating
environment
Ambient temperature range
Operating: 0 to 50
°C, Storage: -20 to +65°C (with no icing or condensation)
Ambient humidity range
Operating and Storage: 20 to 90 %RH (with no icing or condensation)
Ambient environment
No corrosive gas
Vibration resistance
10 to 150 Hz, one-side amplitude 0.1 mm (Max. acceleration 15 m/s2)
10 times for 8 minutes for each three direction
Degree of protection
Panel mounting: IP65 on the front
Operation
Touch pen
Structure
Mounting
Panel mounting, VESA mounting
Weight
Approx.2.6 kg
Material
Front panel: PC/PBT, Front Sheet: PET, Rear case: SUS
Model
FH-VMDA (2 m)
FH-VUAB (2 m)
XW2Z-200PP-1 (2 m)
Cable type
DVI-Analog Conversion Cable
USB Cable
RS-232C Cable
Vibration resistance
10 to 150 Hz, one-side amplitude 0.1 mm, 10 times for 8 minutes for each three direction
Ambient Temperature
Operating Condition: 0 to 50
°C, Storage Condition: -10 to 60°C (with no icing or condensation)
Ambient Humidity
Operating Condition: 35 to 85%RH, Storage Condition: 35 to 85%RH (with no icing or condensation)
Ambient environment
No corrosive gases
Material
Cable outer sheath, Connector: PVC
Cable outer sheath: PVC,
Connector: ABS/Ni Plating
Minimum bend radius
36 mm
25 mm
59 mm
Weight
Approx.220 g
Approx.75 g
Approx.162 g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com