Electronic Components Datasheet Search
  English  ▼

X  

G2R Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # G2R
Description  Power PCB Relay
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button G2R Datasheet HTML 11Page - Omron Electronics LLC G2R Datasheet HTML 12Page - Omron Electronics LLC G2R Datasheet HTML 13Page - Omron Electronics LLC G2R Datasheet HTML 14Page - Omron Electronics LLC G2R Datasheet HTML 15Page - Omron Electronics LLC G2R Datasheet HTML 16Page - Omron Electronics LLC G2R Datasheet HTML 17Page - Omron Electronics LLC G2R Datasheet HTML 18Page - Omron Electronics LLC G2R Datasheet HTML 19Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17
Power PCB Relay
G2R
Note:
1. It is recommended that a panel thickness of 0.06 to 0.08 mm (0.002 to 0.003 in) be used.
2. L = Length
PFP-100N ................. L = 990.60 mm (39.00 in)
PFP-50N
................. L = 497.84 mm (19.60 in)
PFP-100N2 ............... L = 990.60 mm (39.00 in)
Mounting track
PFP-100N, PFP-50N
Mounting track
PFP-100N2
End plate
PFP-M
Spacer
PFP-S
Connecting socket mounting plate
P2R-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com