Electronic Components Datasheet Search
  English  ▼

X  

SD1390 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD1390
Description  RF & MICROWAVE TRANSISTORS UHF BASE STATION APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1390 Datasheet(HTML) 1 Page - STMicroelectronics

  SD1390 Datasheet HTML 1Page - STMicroelectronics SD1390 Datasheet HTML 2Page - STMicroelectronics SD1390 Datasheet HTML 3Page - STMicroelectronics SD1390 Datasheet HTML 4Page - STMicroelectronics SD1390 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
August 23, 1996
RF & MICROWAVE TRANSISTORS
UHF BASE STATION APPLICATIONS
.
470 MHZ
.
24 VOLTS
.
POUT
= 1.5 W WITH 13.0 dB MIN. GAIN
.
CLASS A
.
COMMON EMITTER
.
POWER SATURATION 2.2 W MIN.
P RELIMINARY DATA
DESCRIPTION
The SD1390 is a gold metallized NPN planar tran-
sistor using diffused emitter ballast resistors for
reliability and ruggedness.
The SD1390 is specifically designed as a low
power, high gain driver and can be operated in
Class A, B or C.
PIN CONNECTION
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Un it
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
24
V
VEBO
Emitter-Base Voltage
3.5
V
IC
Collector Current
0.35
A
PDISS
Power Dissipation (TC
+75°C)
8.33
W
TJ
Junction Temperature
+200
°C
TSTG
Storage Temperature
− 65 to +150
°C
RTH(j-c)
Junction-Case Thermal Resistance
12
°C/W
SD1390
1. Collector
3. Base
2. Emitter
4. Emitter
THERMAL DATA
.280 x 4LS L (M1 23)
O R DE R CODE
SD1390
BRANDING
SD1390
1/ 5


Similar Part No. - SD1390

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1391 STMICROELECTRONICS-SD1391 Datasheet
56Kb / 5P
RF & MICROWAVE TRANSISTORS UHF BASE STATION APPLICATIONS
23-Aug-1996
SD1391 STMICROELECTRONICS-SD1391 Datasheet
56Kb / 5P
RF & MICROWAVE TRANSISTORS UHF BASE STATION APPLICATIONS
23-Aug-1996
SD1398 STMICROELECTRONICS-SD1398 Datasheet
72Kb / 6P
RF & MICROWAVE TRANSISTORS 850-960 MHz APPLICATIONS
08-Sep-1993
More results

Similar Description - SD1390

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1391 STMICROELECTRONICS-SD1391 Datasheet
56Kb / 5P
RF & MICROWAVE TRANSISTORS UHF BASE STATION APPLICATIONS
23-Aug-1996
SD1420 STMICROELECTRONICS-SD1420 Datasheet
50Kb / 3P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
06-Sep-1994
SD1423 STMICROELECTRONICS-SD1423 Datasheet
54Kb / 4P
RF & MICROWAVE TRANSISTORS 800-960MHz BASE STATION APPLICATIONS
22-Aug-1996
SD1424 STMICROELECTRONICS-SD1424 Datasheet
49Kb / 5P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
07-Oct-1993
SD1650 STMICROELECTRONICS-SD1650 Datasheet
60Kb / 5P
RF & MICROWAVE TRANSISTORS CELLULAR BASE STATION APPLICATIONS
Aug-1992
SD4600 STMICROELECTRONICS-SD4600 Datasheet
65Kb / 4P
RF & MICROWAVE TRANSISTORS CELLULAR BASE STATION APPLICATIONS
Nov-1992
SD4701 STMICROELECTRONICS-SD4701 Datasheet
148Kb / 6P
RF & MICROWAVE TRANSISTORS CELLULAR BASE STATION APPLICATIONS
May-1993
2SD1391 STMICROELECTRONICS-2SD1391 Datasheet
56Kb / 5P
RF & MICROWAVE TRANSISTORS UHF BASE STATION APPLICATIONS
23-Aug-1996
logo
Advanced Power Technolo...
MS1451 ADPOW-MS1451 Datasheet
96Kb / 3P
RF & MICROWAVE TRANSISTORS 800-960 MHz BASE STATION APPLICATIONS
MS1452 ADPOW-MS1452 Datasheet
141Kb / 4P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com