Electronic Components Datasheet Search
  English  ▼

X  

Z337 Datasheet(PDF) 28 Page - Omron Electronics LLC

Part # Z337
Description  The New Standard for Image Inspection FQ2 Smart Camera
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

Z337 Datasheet(HTML) 28 Page - Omron Electronics LLC

Back Button Z337 Datasheet HTML 24Page - Omron Electronics LLC Z337 Datasheet HTML 25Page - Omron Electronics LLC Z337 Datasheet HTML 26Page - Omron Electronics LLC Z337 Datasheet HTML 27Page - Omron Electronics LLC Z337 Datasheet HTML 28Page - Omron Electronics LLC Z337 Datasheet HTML 29Page - Omron Electronics LLC Z337 Datasheet HTML 30Page - Omron Electronics LLC Z337 Datasheet HTML 31Page - Omron Electronics LLC Z337 Datasheet HTML 32Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
28
Dimensions
(Unit: mm)
Sensor
Integrated Sensor
Narrow View
Wide View
FQ2-S
@@@10F-@@@
FQ2-CH
@@@10F-M
FQ-CR
@@@10F-M
FQ2-S
@@100@-@@@
FQ2-CH
@@100@-M
FQ-CR
@@100@-M
Standard View
FQ2-S
@@@50F-@@@
FQ2-CH
@@@50F-M
FQ-CR
@@@50F-M
C-mount
FQ2-S3
@-13@
FQ2-S4
@-13@
Mounting Base FQ-XLC (included with Sensor)
1
The mounting bracket
FQ-XL(included with Sensor)
38
11
(57)
90
(108)
(18)
Mounting hole dimensions
Tightening torque: 1.2 N·m
20±0.1
Two, 4.5 dia.
46
45
Optical
axis
44
20
20
38
42
(25)
4-M4
Depth: 6
1/4-20UNC
Depth: 6
8
32
9
67
38
3
1
(49)
8
32
(108)
(18)
9
Mounting hole dimensions
Tightening torque: 1.2 N·m
20±0.1
Two, 4.5 dia.
46
45
Optical
axis
44
20
20
38
42
(25)
4-M4
Depth: 6
1/4-20UNC
Depth: 6
90
67
69.5±0.1
26±0.1
Mounting hole dimensions
978
(12.5)
3.5
69.5
26
29 dia.
(3.8)
4-M3 Depth: 4 *
13
12.3
6.5
4.5
Mounting screw recommended
tightening torque:0.54N·m
38
38
19
Optical
axis
26
3.5
37
32.5
6-M3 Depth: 4
3.5
69.5
26
4-M3 Depth: 4
Four, 3.4 dia.
* The shape of opposite side similar.
Mounting screw recommended tightening
torque:0.54N·m
80.5
34 18
7.2
20.2
23.5
65
20
4-M4 Depth: 4
2-M3 Depth: 4
1/4-20UNC Depth: 4
9
3
6
20.2±0.1
16.3±0.1
18±0.1
20±0.1
57.8±0.1
Mounting hole dimensions
Two, 3.4 dia.
Four, 4.5 dia.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com