Electronic Components Datasheet Search
  English  ▼

X  

Z338 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # Z338
Description  The New Standard for Image Inspection FQ2 Smart Camera
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

Z338 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button Z338 Datasheet HTML 3Page - Omron Electronics LLC Z338 Datasheet HTML 4Page - Omron Electronics LLC Z338 Datasheet HTML 5Page - Omron Electronics LLC Z338 Datasheet HTML 6Page - Omron Electronics LLC Z338 Datasheet HTML 7Page - Omron Electronics LLC Z338 Datasheet HTML 8Page - Omron Electronics LLC Z338 Datasheet HTML 9Page - Omron Electronics LLC Z338 Datasheet HTML 10Page - Omron Electronics LLC Z338 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Incorporating the Best-selling Inspection Items
from High-end Vision Systems
Utility Items
Image Filters
A total of 11 different image filters are pro-
vided, including background suppression
to help eliminate patterns that can result in
unstable measurements, as well as dila-
tion and erosion.
360° Rotational Position Compensation
The correct position of workpieces with an inconsistent
orientation can be measured through automatic detec-
tion of the offset of the workpiece in relation to a regis-
tered standard model.
Calibration
If the dimensions or position of a work-
piece is difficult to determine in a pixel
display, you can convert the display unit
so that it is easier to see.
150 pixels
8 mm
With Background
Suppression
Without Background
Suppression
You can also inspect for defects
and foreign matter by looking
at the color deviation.(color de-
viation)
Labeling
This inspection item counts how
many labels there are of the spec-
ified color and size and measures
the area or center position of the
specified label.
Area
This inspection item measures
the area and center position of
the specified color.
Color Data
Inspections can be performed that com-
pare the difference in color between the
workpiece and a registered image of a
good product to detect objects and for-
eign matter.(average color value)
Area Measurements, Color Measurements, and Defect & Foreign Matter Detection
Detection of Promotional Stickers
Edge Pitch
Search
This is a standard search inspec-
tion item. This type of search is
used to detect items like labels,
identify shapes, or positions.
Sensitive Search
The model image can be automatically
divided into small areas, so that tiny
differences that cannot be detected
with a normal search can be detected
with large numerical differences.
Searching
Edge Pitch
The number of edges in
a region can be counted.
Edge Position
This inspection item
detects Edges and
measures their positions.
Edge Width
This inspection item
measures the width
between edges.
The target object can be detected
precisely even with the background.
Multiple objects can be
detected simultaneously even
with different amounts of light.
Stable 360° searching is possible even if
objects are overlapped or partially hidden.
Shape Search III
The FQ2 now has Shape Search
Ⅲ that uses OMRON's unique techniques to search and match registered models at high speed. Shape
Search
Ⅲ provides advanced robustness, which is critical on FA sites. High-precision and reliable position detection is possible without
being affected by light interference and backgrounds.
Searching
3
5
4
0
6
8
1
7
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com