| Electronic Components Datasheet Search |
|
F39-JD1007BA Datasheet(PDF) 21 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
F39-JD1007BA Datasheet(HTML) 21 Page - Omron Electronics LLC |
|
21 / 164 page ![]() F3SG-RA 21 Interface units and configuration tool SD Manager 2 Lamp End Cap Laser Pointer for F3SG-R Appearance Type Specifications Model SD Manager 2 The Configuration Tool SD Manager 2 is available to download from our website at http://www.ia.omron.com/f3sg-r_tool. To change the settings of the F3SG-RA using SD Manager 2, it is necessary to set the receiver's two DIP switches No. 8 to ON. − Interface Unit F39-GIF interface unit to connect the F3SG-RA receiver to a USB port of the PC Accessories: 0.3-m Dedicated Cable 1 (1), 2-m Dedicated Cable 2 (1), Instruction Manual F39-GIF Bluetooth Communication Unit F39-BT bluetooth unit to enable bluetooth on the F3SG-RA IP67 rated when mated. F39-BT Appearance Type Specifications Model Lamp The lamp can be connected to a receiver and turned ON based on the operation of F3SG-RA/RR. The lamp can indicate red, orange, and green colors, to which three different states can be assigned. IP67 rated when mated. F39-LP Lamp and Bluetooth Communication Unit F39-BTLP Appearance Specifications Model Housing color: Black For both emitter and receiver (Attached to the F3SG-RA. The End Cap can be purchased if lost.) IP67 rated when mated. F39-CNM Appearance Specifications Model The laser pointer is attached on the optical surface of the F3SG-R to help coarse adjustment of beams. F39-PTG |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |