Electronic Components Datasheet Search
  English  ▼

X  

F39-JD7B Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # F39-JD7B
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-JD7B Datasheet(HTML) 4 Page - Omron Electronics LLC

  F39-JD7B Datasheet HTML 1Page - Omron Electronics LLC F39-JD7B Datasheet HTML 2Page - Omron Electronics LLC F39-JD7B Datasheet HTML 3Page - Omron Electronics LLC F39-JD7B Datasheet HTML 4Page - Omron Electronics LLC F39-JD7B Datasheet HTML 5Page - Omron Electronics LLC F39-JD7B Datasheet HTML 6Page - Omron Electronics LLC F39-JD7B Datasheet HTML 7Page - Omron Electronics LLC F39-JD7B Datasheet HTML 8Page - Omron Electronics LLC F39-JD7B Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 164 page
background image
4 | Safety Light Curtain F3SG-R Series
Simple beam adjustment
Simply watch for the top and bottom indicators to illuminate when adjustment is completed.
The optional laser pointer and lamp can be used to reduce the time required to set up the light curtain.
TOP
(top-beam-state indicator)
BTM
(bottom-beam-state indicator)
F39-PTG Laser Pointer
Shows the sensor direction
Turns ON when safety
output turns ON,
making adjustment
easier
F39-LP Lamp
The incident light levels of each
beam can be checked with the
Configuration Tool SD Manager2
Sufficient
Green
Insufficient
Red
Fine beam
adjustment
Sh
Sh
Tu
ou
ma
ea
F39-LP Lamp
Intuitive and smart designs for fast set-up
Quick and easy installation
Also
The TOP indicator turns ON when
the top beam is unblocked
1
The BTM indicator turns ON when
the bottom beam is unblocked
2
Mounting brackets
Four types of mounting brackets provide vertical or vertical and horizontal adjustment even after mounting,
making beam adjustment easier.
Standard fixed bracket
You can slide the F3SG-R
up and down to make
vertical adjustments after
mounting on a safety
fence.
Standard adjustable bracket
(sold separately)
This bracket provides
vertical as well as
horizontal adjustment
of ±15º.
Top/bottom adjustable bracket
(sold separately)
Use this bracket at the top
and bottom of the F3SG-R
to make horizontal
adjustment of ±22.5º.
Top/bottom adjustable bracket
(for user-made mounting part)
(sold separately)
The wall mounting bracket
is not provided so that you
can design your own wall
mounting part.
r
p
R
p
R
k
o
l
ket
ou
l
±15°
±22.5°
F3SG-
RA
Multifunctional
Advanced
type
* Image for illustration purpose only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com