Electronic Components Datasheet Search
  English  ▼

X  

LTC4055 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4055
Description  Push Button On/Off Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4055 Datasheet(HTML) 1 Page - Linear Technology

  LTC4055 Datasheet HTML 1Page - Linear Technology LTC4055 Datasheet HTML 2Page - Linear Technology LTC4055 Datasheet HTML 3Page - Linear Technology LTC4055 Datasheet HTML 4Page - Linear Technology LTC4055 Datasheet HTML 5Page - Linear Technology LTC4055 Datasheet HTML 6Page - Linear Technology LTC4055 Datasheet HTML 7Page - Linear Technology LTC4055 Datasheet HTML 8Page - Linear Technology LTC4055 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC2951
1
2951f
EN
2V/DIV
PB
25ms/DIV
2951 TA01b
128ms
Push Button On/Off
Controller
The LTC®2951 is a micropower, wide input voltage range
push button ON/OFF controller. The part contains a push
button input which controls the toggling of an open drain
enable output. The push button turn OFF debounce time
is externally programmable, while the turn ON debounce
time is fixed at 128ms. A simple microprocessor interface
allows for proper system housekeeping prior to power
down. Under system fault conditions, an adjustable ⎯K⎯I⎯L⎯L
timeout delay ensures proper power down.
The LTC2951 operates over a 2.7V to 26V input voltage
range to accommodate a variety of input power supplies.
Very low quiescent current (6µA typical) makes the
LTC2951 ideally suited for battery powered applications.
Two versions of the part are available to accommodate
either positive or negative enable polarities. The parts
are available in 8-pin 3mm × 2mm DFN and ThinSOT
packages.
■
Portable Instrumentation Meters
■
Blade Servers
■
Portable Customer Service PDA
■
Desktop and Notebook Computers
■
Adjustable Push Button Debounce and Delay
Timers
■
Low Supply Current: 6µA
■
Wide Operating Voltage Range: 2.7V to 26V
■
EN Output (LTC2951-1) Allows DC/DC Converter
Control
■
⎯E⎯N Output (LTC2951-2) Allows Circuit Breaker
Control
■
Simple Interface Allows Graceful µP Shut Down
■
High Input Voltage ⎯P⎯B Pin with Internal Pull Up
Resistor
■
±10kV ESD HBM on ⎯P⎯B Input
■
Accurate 0.6V Threshold on ⎯K⎯I⎯L⎯L Comparator Input
■
8-Pin 3mm × 2mm DFN and ThinSOT
TM Packages
VIN
SHDN
VIN
VOUT
EN
INT
KILL
INT
KILL
LTC2951-1
KILLT
OFFT
DC/DC
BUCK
µP/µC
3V – 26V
*OPTIONAL
R1
10k
2951 TA01
CKILLT*
0.033
µF
COFFT*
0.033
µF
PB
GND
VIN
, LTC and LT are registered trademarks of Linear Technology Corporation. ThinSOT is
a trademark of Linear Technology Corporation. All other trademarks are the property of
their respective owners.
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
Turn On Debounce


Similar Part No. - LTC4055

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4055 LINER-LTC4055 Datasheet
283Kb / 24P
USB Power Controller and Li-Ion Linear Charger
LTC4055 LINER-LTC4055 Datasheet
290Kb / 24P
USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4055 LINER-LTC4055 Datasheet
214Kb / 12P
36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC4055-1 LINER-LTC4055-1_15 Datasheet
302Kb / 24P
USB Power Controller and Li-Ion Charger
LTC4055EUF LINER-LTC4055EUF Datasheet
283Kb / 24P
USB Power Controller and Li-Ion Linear Charger
More results

Similar Description - LTC4055

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2950-1 LINER-LTC2950-1 Datasheet
427Kb / 16P
Push Button On/Off Controller
LTC2951-1 LINER-LTC2951-1 Datasheet
217Kb / 16P
Push Button On/Off Controller
LTC2953 LINER-LTC2953 Datasheet
203Kb / 20P
Push Button On/Off Controller with Voltage Monitoring
LTC2954 LINER-LTC2954 Datasheet
584Kb / 16P
Push Button On/Off Controller with 關P Interrupt
logo
STMicroelectronics
STM6600 STMICROELECTRONICS-STM6600 Datasheet
1Mb / 51P
Smart push-button on/off controller with Smart ResetTM and power-on lockout
07-Jun-2010
logo
CW Industries
GC-536-0102 CWIND-GC-536-0102 Datasheet
108Kb / 1P
SWITCH ASSEMBLY PUSH ON-PUSH OFF S.P.D.T. W/SPECIAL BUTTON
logo
Torex Semiconductor
XC6190 TOREX-XC6190 Datasheet
475Kb / 21P
Push Button Reboot Controller
logo
Linear Technology
LTC2953 LINER-LTC2953_15 Datasheet
215Kb / 20P
Push Button On/Off Controller with Voltage Monitoring
logo
Torex Semiconductor
XC6190B TOREX-XC6190B Datasheet
475Kb / 21P
Push Button Reboot Controller
logo
Schneider Electric
9001K85 SCHNEIDER-9001K85 Datasheet
155Kb / 2P
30MM PUSH-ON, PUSH-OFF MODULE
Jan 20, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com