Electronic Components Datasheet Search
  English  ▼

X  

MIC3002BML Datasheet(PDF) 52 Page - Micrel Semiconductor

Part # MIC3002BML
Description  FOM Management IC with Internal Calibr ation
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3002BML Datasheet(HTML) 52 Page - Micrel Semiconductor

Back Button MIC3002BML Datasheet HTML 48Page - Micrel Semiconductor MIC3002BML Datasheet HTML 49Page - Micrel Semiconductor MIC3002BML Datasheet HTML 50Page - Micrel Semiconductor MIC3002BML Datasheet HTML 51Page - Micrel Semiconductor MIC3002BML Datasheet HTML 52Page - Micrel Semiconductor MIC3002BML Datasheet HTML 53Page - Micrel Semiconductor MIC3002BML Datasheet HTML 54Page - Micrel Semiconductor MIC3002BML Datasheet HTML 55Page - Micrel Semiconductor MIC3002BML Datasheet HTML 56Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 65 page
background image
Micrel, Inc.
MIC3002
July 2007
52
M9999-073107-B
hbwhelp@micrel.com or (408) 955-1690
USER Control Register (USRCTL)
D[7]
read/write
D[6]
PORM
read/write
D[5]
PORS
read/write
D[4]
IE
read/write
D[3]
APCSEL[1]
read/write
D[2]
APCSEL[0]
read/write
D[1]
MODSEL[1]
read/write
D[0]
MODSEL[0]
read/write
Default Value
0010 0000b = 20h
Serial Address
A2h
Byte Address
255 = FFh if OMCFG6 bit 2 = 0
222 = DEh if OMCFG6 bit 2 = 1
This register provides for control of the nominal APC setpoint and management of interrupts by the end-user. APCSEL[1:0]
select which of the APC setpoint registers, APCSET0, APCSET1, or APCSET2 are used as the nominal automatic power
control setpoint.
IE must be set for any interrupts to occur. If PORM is set, the power-on event will generate an interrupt and warm resets using
RST will not generate a POR interrupt. When a power-on interrupt occurs, assuming PORM=1, PORS will be set. PORS will be
cleared and the interrupt output de-asserted when USRCTL is read by the host. If IE is set while /INT is asserted, /INT will be
de-asserted. The host must still clear the various status flags by reading them. If PORM is set following the setting of PORS,
PORS will remain set, and /INT will not be de-asserted, until USRCTL is read by the host.
PORM, IE, and APCSEL are non-volatile and will be maintained through power and reset cycles. A valid USER password is
required for access to this register.
Bit
Function
Operation
D[7]
Reserved
Always write as zero; reads undefined.
D[6]
PORM
Power-on interrupt mask
1 = POR interrupts enabled; 0 = disabled; read/write;
non-volatile.
D[5]
PORS
Power-on interrupt flag
1 = POR interrupt occurred; 0 = no POR interrupt;
read-only.
D[4]
IE
Global interrupt enable
1 = enabled; 0 = disabled; read/write; non-volatile.
D[3:2]
APCSEL
Selects APC setpoint register
00 = APCSET0, 01 = APCSET1, 10 = APCSET2;
11 = reserved; read/write; non-volatile.
D[1:0]
MODSEL
Selects Modulation setpoint register
00 = MODSET0, 01 = MODSET1, 10 = MODSET2, 11 =
reserved; read/write; non volatile.
OEM Configuration Register 0 (OEMCFG0)
D[7]
RST
write only
D[6]
ZONE
read/write
D[5]
DFLT
read only
D[4]
OE
reserved
D[3]
MODREF
reserved
D[2]
VAUX[2]
read/write
D[1]
VAUX[1]
read/write
D[0]
VAUX[0]
read/write
Default Value
0000 0000b = 00h
Serial Address
A6h
Byte Address
00 = 00h
A write to OEMCFG0 will result in any A/D conversion in progress being aborted and the result discarded. The A/D will begin a
new conversion sequence once the write operation is complete. All bits in OEMCFG0 are non-volatile except DFLT and RST. A
valid OEM password is required for access to this register.
Bit(s)
Function
Operation
D[7]
RST
0 = no action; 1 = reset; write-only.
D[6]
ZONE
Selects temperature zone.
0 = internal; 1 = external; non-volatile.
D[5]
DFLT
Diode fault flag.
1 = diode fault; 0 = OK.
D[4]
OE
Output enable for SHDN, VMOD,
1 = enabled; 0 = hi-Z; non-volatile.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com