Electronic Components Datasheet Search
  English  ▼

X  

2SE4 Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # 2SE4
Description  MICRO SWITCH™ Miniature Sealed Basic Switches SE and XE Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

2SE4 Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  2SE4 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 2SE4 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 2SE4 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 2SE4 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 2SE4 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 2SE4 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 2SE4 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 2SE4 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 2SE4 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
sensing.honeywell.com
Features
and Benefits
Features
and Benefits
MIL-QUALIFIED AND AGENCY CERTIFIED
Military qualified listings offered in the MICRO SWITCH™ XE product family
are for onboard or support equipment as specified. UL and CSA certified products
are available for use where the application is not aerospace or military related.
COMPACT AND SEALED
Miniature overall package size
requires less space on the equipment.
SE and XE Series switches are environmentally sealed in a small package
for stringent indoor or outdoor applications where liquid and/or particulate
contaminates are present.
WELL SUITED FOR HIGH TEMPERATURES
SE/XE switches boast temperature ratings from -53 °C to 105 °C [-65 °F
to 221 °F] for design flexibility, with
high temperature options to 149 °C [300 °F].
LOW VOLTAGE AND POWER DUTY CAPABILITY
SE/XE product are available with
silver contacts for control of power duty circuits
or
gold contacts for control of logic level circuits.
LEVERS FURTHER EXPAND FUNCTIONALITY
Auxiliary actuators expand the capability of the products for additional
applications.
RANGE OF TERMINATION OPTIONS
Electrical connectivity options include solder post, preleaded with MIL-rated
leadwire, or custom connectivity to
decrease installation time.
Tiny, tough, and high-temp rated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com