Electronic Components Datasheet Search
  English  ▼

X  

UT-899544 Datasheet(PDF) 1 Page - Pro-Signal

Part # UT-899544
Description  24-Port Patch Panel
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

UT-899544 Datasheet(HTML) 1 Page - Pro-Signal

  UT-899544 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
22/01/20
24-Port Patch Panel
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Description
These are 24 port 1U rack mountable CAT5e & CAT6 patch panels which is a great solution for network and cable management.
These offers a clearly labelled, neat and effective CAT5e & CAT6 patch panel which is ideal for the heart of any small network.
Features
• Meets the TIA/EIA-568-B.2 Category 5E & Category 6 Channel Testing Performance requirements
• Support T568 A & B wiring & Easy installation
• Dual IDC connector can accept 22-26 AWG solid and stranded UTP cables
• Compatible with 110 or Krone Tools
• Backwards compatible with Category 3 & 5
• All versions can be mounted in 19" Racks
• Supplied with a cable management bar
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro - SIGNAL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Patch Panel, Cat5e, 24 Ports, 1U
UT-899224
Patch Panel, Cat6, 24 Ports, 1U
UT-899544


Similar Part No. - UT-899544

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
UT-8701 PROSIGNAL-UT-8701 Datasheet
133Kb / 1P
RJ45 Cat5e Faceplates
V1.0 17/08/20
UT-8702 PROSIGNAL-UT-8702 Datasheet
133Kb / 1P
RJ45 Cat5e Faceplates
V1.0 17/08/20
UT-8704 PROSIGNAL-UT-8704 Datasheet
133Kb / 1P
RJ45 Cat5e Faceplates
V1.0 17/08/20
UT-8801 PROSIGNAL-UT-8801 Datasheet
134Kb / 1P
RJ45 Cat6 Faceplates
V1.0 18/08/20
UT-8802 PROSIGNAL-UT-8802 Datasheet
134Kb / 1P
RJ45 Cat6 Faceplates
V1.0 18/08/20
More results

Similar Description - UT-899544

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
559552-2 MACOM-559552-2 Datasheet
141Kb / 1P
ENCLOSURE, 72 PORT DISTRIBUTION PATCH PANEL
logo
Tripp Lite. All Rights ...
N054024 TRIPPLITE-N054024 Datasheet
477Kb / 2P
24-Port 1U Rack-Mount Cat5e Feedthrough Patch Panel, RJ45 Ethernet
logo
PANDUIT CORP.
DP245E88TV25 PANDUIT-DP245E88TV25 Datasheet
213Kb / 2P
24 PORT 4 PAIR CAT 5e RJ2I PATCH PANEL CUSTOMER DRAWING
DP246X88TGY PANDUIT-DP246X88TGY Datasheet
256Kb / 1P
DP6A 1OG1G 24 PORT PATCH PANEL CUSTOMER DRAING
DP24688TGY PANDUIT-DP24688TGY Datasheet
211Kb / 1P
DP6 PLUS 24 PORT PATCH PANEL CUSTOMER DRAWING
DPA245E88TV25 PANDUIT-DPA245E88TV25 Datasheet
169Kb / 1P
24 PORT ANGLED 4 PAIR CAT5E RJ21 PATCH PANEL
DPA24688TGY PANDUIT-DPA24688TGY Datasheet
202Kb / 1P
DP6 PLUS 24 PORT ANGLED PATCH PANEL CUSTOMER DRAWING
logo
Tripp Lite. All Rights ...
N254-024-6A TRIPPLITE-N254-024-6A Datasheet
160Kb / 2P
24-Port 1U Rack-Mount Cat6a Feedthrough Patch Panel, RJ45 Ethernet
logo
PANDUIT CORP.
NK6PPG24Y PANDUIT-NK6PPG24Y Datasheet
393Kb / 1P
NETKEY CAT6 24 PORT PATCH PANEL
NKFP24Y PANDUIT-NKFP24Y Datasheet
106Kb / 1P
NETKEY 24 PORT MODULAR FACEPLATE PATCH PANEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com