Electronic Components Datasheet Search
  English  ▼

X  

39SE7 Datasheet(PDF) 9 Page - Honeywell Solid State Electronics Center

Part # 39SE7
Description  MICRO SWITCH™ Miniature Sealed Basic Switches SE and XE Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

39SE7 Datasheet(HTML) 9 Page - Honeywell Solid State Electronics Center

Back Button 39SE7 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 39SE7 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 39SE7 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 39SE7 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 39SE7 Datasheet HTML 9Page - Honeywell Solid State Electronics Center 39SE7 Datasheet HTML 10Page - Honeywell Solid State Electronics Center 39SE7 Datasheet HTML 11Page - Honeywell Solid State Electronics Center 39SE7 Datasheet HTML 12Page - Honeywell Solid State Electronics Center 39SE7 Datasheet HTML 13Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
sensing.honeywell.com
MICRO SWITCH™ Miniature Sealed Basic Switches
MICRO SWITCH™ JE SERIES AUXILIARY ACTUATORS FOR THE MICRO SWITCH™ SE SERIES SWITCHES
(specifications when assembled to 1SE1)
Description
Actuator
Length
Operting
Force
max.
Release
Force min.
Pretravel
max.
Overtravel
min.
Differential
Travel max.
Operating
Point
nom.
Free
Position
nom.
(see Figure 5)
Straight leaf
(mounting
hardware
included)
16,8 mm
[0.66 in]
340 g
[12 oz]
57 g
[2 oz]
3,81 mm
[0.150 in]
0,38 mm
[0.015 in]
0,64 mm
[0.025 in]
11,2 mm
[0.44 in]
15 mm
[0.59 in]
(see Figure 6)
Roller leaf, roller
rotated 90° to
switch axis
(mounting
hardware
included)
16,8 mm
[0.66 in]
340 g
[12 oz]
57 g
[2 oz]
3,81 mm
[0.150 in]
0,38 mm
[0.015 in]
0,64 mm
[0.025 in]
16,3 mm
[0.64 in]
20,1 mm
[0.79 in]
(see Figure 7)
Roller leaf
(mounting
hardware
included)
15,2 mm
[0.60 in]
340 g
[12 oz]
57 g
[2 oz]
3,81 mm
[0.150 in]
0,38 mm
[0.015 in]
0,64 mm
[0.025 in]
16,3 mm
[0.64 in]
20,1 mm
[0.79 in]
(see Figure 8)
Roller leaf
[reversed]
(mounting
hardware
included)
15,2 mm
[0.60 in]
340 g
[12 oz]
57 g
[2 oz]
3,81 mm
[0.150 in]
0,38 mm
[0.015 in]
0,64 mm
[0.025 in]
16,3 mm
[0.64 in]
20,1 mm
[0.79 in]
(see Figure 9)
Roller lever
13,7 mm
[0.540 in]
170 g
[6 oz]
28 g
[1 oz]
2,54 mm
[0.100 in]
0,25 mm
[0.01 in]
0,41 mm
[0.016 in]
16,3 mm
[0.64 in]
18,8 mm
[0.74 in]
(see Figure 10)
Tandem roller
lever
17,8 mm
[0.700 in]
482 g
[17 oz]
113 g
[4 oz]
2,54 mm
[0.100 in]
0,15 mm
[0.006 in]
0,3 mm
[0.012 in]
16,8 mm
[0.66 in]
19,3 mm
[0.76 in]
** Travel characteristics on tandem actuators vary with actual basic switch characteristics
MICRO SWITCH™ JM SERIES AUXILIARY ACTUATORS FOR THE MICRO SWITCH™ XE SERIES SWITCHES
(specifications when assembled to 1XE1)
Description
Actuator
Length
Operating
Force
max.
Release
Force
min.
Pretravel
max.
Overtravel
min.
Differential
Travel
max.
Operating
Point
nom.
Free
Position
nom.
(see Figure 11)
Straight leaf
(mounting
hardware
included)
11,4 mm
[0.45 in]
595 g
[21 oz]
85 g
[3 oz]
3,18 mm
[0.125 in]
0,23 mm
[0.009 in]
0,3 mm
[0.012 in]
10,8 mm
[0.425 in]
14 mm
[0.55 in]
(see Figure 12)
Roller leaf
(mounting
hardware
included)
9,5 mm
[0.375 in]
595 g
[21 oz]
85 g
[3 oz]
3,18 mm
[0.125 in]
0,23 mm
[0.009 in]
0,3 mm
[0.012 in]
15,9 mm
[0.625 in]
19,1 mm
[0.75 in]
** Travel characteristics on tandem actuators vary with actual basic switch characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com